Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5182 Datasheet(PDF) 3 Page - NEC

Part # 2SC5182
Description  NPS EPITAXIAL SILICON TRANSISTOR IN MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5182 Datasheet(HTML) 3 Page - NEC

  2SC5182 Datasheet HTML 1Page - NEC 2SC5182 Datasheet HTML 2Page - NEC 2SC5182 Datasheet HTML 3Page - NEC 2SC5182 Datasheet HTML 4Page - NEC 2SC5182 Datasheet HTML 5Page - NEC 2SC5182 Datasheet HTML 6Page - NEC 2SC5182 Datasheet HTML 7Page - NEC 2SC5182 Datasheet HTML 8Page - NEC 2SC5182 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
2SC5182
CHARACTERISTICS CURVES (TA = 25 ˚C)
TOTAL POWER DISSIPATION
vs. AMBIENT TEMPERATURE
TA - Ambient Temperature - °C
50
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
VBE - Base to Emitter Voltage - V
0.5
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
VCE - Collector to Emitter Voltage - V
1.0
0
100
200
100
150
0
10
20
30
40
50
1.0
0
5
10
15
20
25
2.0
3.0
Passive Air
Cooling
VCE = 2 V
200 A
µ
180 A
µ
160 A
µ
140 A
µ
120 A
µ
100 A
µ
80 A
µ
60 A
µ
40 A
µ
IB = 20 A
µ
90 mW
GAIN BANDWIDTH PRODUCT
vs. COLLECTOR CURRENT
IC - Collector Current - mA
1
INSERTION POWER GAIN vs.
COLLECTOR CURRENT
IC - Collector Current - mA
1
2
4
4
6
8
10
12
14
16
2
5
10
20
50
100
6
8
10
12
14
2
5
10
20
50
100
VCE = 2 V
VCE = 1 V
f = 2 GHz
f = 2 GHz
VCE = 1 V
VCE = 2 V
IC - Collector Current - mA
DC CURRENT GAIN vs.
COLLECTOR CURRENT
500
200
100
10
20
50
1
2
5
10
20
50
100
VCE = 2 V
VCE = 1 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com