Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5182 Datasheet(PDF) 4 Page - NEC

Part # 2SC5182
Description  NPS EPITAXIAL SILICON TRANSISTOR IN MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5182 Datasheet(HTML) 4 Page - NEC

  2SC5182 Datasheet HTML 1Page - NEC 2SC5182 Datasheet HTML 2Page - NEC 2SC5182 Datasheet HTML 3Page - NEC 2SC5182 Datasheet HTML 4Page - NEC 2SC5182 Datasheet HTML 5Page - NEC 2SC5182 Datasheet HTML 6Page - NEC 2SC5182 Datasheet HTML 7Page - NEC 2SC5182 Datasheet HTML 8Page - NEC 2SC5182 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
2SC5182
NOISE FIGURE vs.
COLLECTOR CURRENT
IC - Collector Current - mA
1
FEEDBACK CAPACITANCE vs.
COLLECTOR TO BASE VOLTAGE
VCB - Collector to Base Voltage - V
0
0
0.2
1
2
3
4
10
100
0.3
0.4
0.5
0.6
1.0
2.0
3.0
4.0
5.0
VCE = 2 V
VCE = 1 V
f = 2 GHz
f = 1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com