Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5182 Datasheet(PDF) 2 Page - NEC

Part # 2SC5182
Description  NPS EPITAXIAL SILICON TRANSISTOR IN MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5182 Datasheet(HTML) 2 Page - NEC

  2SC5182 Datasheet HTML 1Page - NEC 2SC5182 Datasheet HTML 2Page - NEC 2SC5182 Datasheet HTML 3Page - NEC 2SC5182 Datasheet HTML 4Page - NEC 2SC5182 Datasheet HTML 5Page - NEC 2SC5182 Datasheet HTML 6Page - NEC 2SC5182 Datasheet HTML 7Page - NEC 2SC5182 Datasheet HTML 8Page - NEC 2SC5182 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
2SC5182
ELECTRICAL CHARACTERISTICS (TA = 25 ˚C)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS
Collector Cutoff Current
ICBO
100
nA
VCB = 5 V, IE = 0
Emitter Cutoff Current
IEBO
100
nA
VEB = 1 V, IC = 0
DC Current Gain
hFE
70
140
VCE = 2 V, IC = 20 mA*1
Insertion Power Gain (1)
|S21e|2
7
8.5
dB
VCE = 2 V, IC = 20 mA, f = 2 GHz
Insertion Power Gain (2)
|S21e|2
6
7.5
dB
VCE = 1 V, IC = 10 mA, f = 2 GHz
Noise Figure (1)
NF
1.3
2.0
dB
VCE = 2 V, IC = 3 mA, f = 2 GHz
Noise Figure (2)
NF
1.3
2.0
dB
VCE = 1 V, IC = 3 mA, f = 2 GHz
Gain Bandwidth Product (1)
fT
9
12
GHz
VCE = 2 V, IC = 20 mA, f = 2 GHz
Gain Bandwidth Product (2)
fT
7
10
GHz
VCE = 1 V, IC = 10 mA, f = 2 GHz
Feedback Capacitance
Cre
0.4
0.8
pF
VCB = 2 V, IE = 0 mA, f = 1 MHz*2
*1
Measured with pulses: Pulse width
≤ 350
µs, duty cycle ≤ 2 %, pulsed.
*2
Measured with a three-terminal bridge. The emitter and case terminal are connected to the guard terminal
of the bridge.
hFE Class
Class
FB
Marking
T86
hFE
70 to 140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com