Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WIRELESSMBUSEK Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # WIRELESSMBUSEK
Description  WIRELESS PRODUCT SELECTOR GUIDE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WIRELESSMBUSEK Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  WIRELESSMBUSEK Datasheet HTML 1Page - List of Unclassifed Manufacturers WIRELESSMBUSEK Datasheet HTML 2Page - List of Unclassifed Manufacturers WIRELESSMBUSEK Datasheet HTML 3Page - List of Unclassifed Manufacturers WIRELESSMBUSEK Datasheet HTML 4Page - List of Unclassifed Manufacturers WIRELESSMBUSEK Datasheet HTML 5Page - List of Unclassifed Manufacturers WIRELESSMBUSEK Datasheet HTML 6Page - List of Unclassifed Manufacturers WIRELESSMBUSEK Datasheet HTML 7Page - List of Unclassifed Manufacturers WIRELESSMBUSEK Datasheet HTML 8Page - List of Unclassifed Manufacturers WIRELESSMBUSEK Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1 / W IR E L E S S P R O D U C T S E L EC T O R G U ID E
Wireless Products
REQUEST SAMPLES AND DOWNLOAD DOCUMENTATION AT
www.silabs.com/wireless
EZRadio® Universal ISM Band RF ICs: www.silabs.com/ezradio
Fully integrated, low-power, low data rate, low cost transmitter, receiver and transceiver ICs
EZRadioPRO® Radio with Enhanced Features: www.silabs.com/ezradiopro
Support continuous frequency tuning from 240 to 1050 MHz and output power up to +20 dBm
PART NUMBER TYPE
MODULATION SCHEME
(MAX KBPS)
FSK
OOK
FREQUENCY
RANGE (MHz)
OUTPUT POWER
RANGE (dBm)
SENSITIVITY (dBm)
(2.0 KBPS) (4.8 KBPS)
(FSK)
(OOK)
RX
CURRENT
(mA)
TX CURRENT (mA)
0
+11
+13
20
(dBm)
PACKAGE
Si4030
TX
256
40
900-960
-8 to +13
—
—
—
18
30
QFN20
Si4031
TX
256
40
240-930
-8 to +13
—
—
—
18
30
QFN20
Si4032
TX
256
40
240-930
+1 to +20
—
—
—
35
85
QFN20
Si4060
TX
1000
120
142-1050
Major Bands
-40 to +13
—
—
—
18
QFN20
Si4063
TX
1000
120
142-1050
Major Bands
-20 to +20
—
—
—
85
QFN20
Si4330
RX
256
40
240-960
—
-121
-110
18.5 mA
QFN20
Si4362
RX
1000
120
142-1050
Major Bands
—
-124
-112
10/13 mA
QFN20
Si4430
TRX
256
40
900-960
-8 to +13
-12
-110
18.5 mA
18
30
QFN20
Si4431
TRX
256
40
240-930
-8 to +13
-121
-110
18.5 mA
18
30
QFN20
Si4432
TRX
256
40
240-930
+1 to +20
-121
-110
18.5 mA
35
85
QFN20
Si4460
TRX
1000
120
142-1050
Major Bands
+11
-124
-112
10/13 mA
18
25
QFN20
Si4461
TRX
1000
120
142-1050
Major Bands
+16
-124
-112
10/13 mA
31
QFN20
Si4463
TRX
1000
120
142-1050
Major Bands
+1 to +20
-124
-112
10/13 mA
85
QFN20
Si4464
TRX
1000
120
119-960
+1 to +20
-124
-112
10/13 mA
85
QFN20
PART NUMBER
TYPE
MODULATIONSCHEME
(MAX KBPS)
FSK
OOK
FREQUENCY BANDS (MHz)
315
434
868
915
OUTPUTPOWERMAX
(dBm)
868MHz
434MHz
BAND
BAND
SUPPLY
VOLTAGE (V)
SENSITIVITY
(dBm)
PACKAGE
Si4010
MCU +TX
100
50
27 - 960
10
1.8-3.6
—
MSOP10/SOIC14
Si4012
TX
100
50
27 - 960
10
1.8-3.6
—
MSOP10/SOIC14
Si4311
RX
10
—
•
•
2.7-3.6
-104
QFN20
Si4313
RX
256
40
•
•
•
•
1.8-3.6
-118/-107
QFN20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com