Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WIRELESSMBUSEK Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # WIRELESSMBUSEK
Description  WIRELESS PRODUCT SELECTOR GUIDE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WIRELESSMBUSEK Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button WIRELESSMBUSEK Datasheet HTML 3Page - List of Unclassifed Manufacturers WIRELESSMBUSEK Datasheet HTML 4Page - List of Unclassifed Manufacturers WIRELESSMBUSEK Datasheet HTML 5Page - List of Unclassifed Manufacturers WIRELESSMBUSEK Datasheet HTML 6Page - List of Unclassifed Manufacturers WIRELESSMBUSEK Datasheet HTML 7Page - List of Unclassifed Manufacturers WIRELESSMBUSEK Datasheet HTML 8Page - List of Unclassifed Manufacturers WIRELESSMBUSEK Datasheet HTML 9Page - List of Unclassifed Manufacturers WIRELESSMBUSEK Datasheet HTML 10Page - List of Unclassifed Manufacturers WIRELESSMBUSEK Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
W IR E L E S S P R O D U C T S E L EC T O R G U ID E / 6
Unified Development Platform
Silicon Labs offers an innovative, new approach in
hardware support with the Unified Development Platform
(UDP), featuring a unified mother board, modular boards,
integrated LCD and ample real estate for prototyping,
expansion and integration. The UDP provides a standalone
demonstration and software development platform for the
EZRadioPRO Wireless devices, Wireless MCU devices and
all MCU products. Kits include UDP base boards and RF
test cards. Additional test cards may be ordered if the 915
MHz or 868 MHz test cards don’t satisfy the requirements
for the end application. www.silabs.com/UDP
The UDP platform supports all of the following:
• MCU code and firmware development (IDE,
Configuration Wizard, example codes etc.)
• RF design and optimization (WDS support,
automatic board detection and firmware download, sample RF code, run-time PHY interface etc.)
• Networks and protocol stacks (such as the wireless M-Bus stack)
PART NUMBER
DESCRIPTION
4010-DAAKF 434
AES Wireless Automated Control Demo Kit
4010-DKKF 434
Si4010 Wireless Automated Control Development Kit
4010-DASKF 434
Wireless Remote Control Demo Kit
WIRELESSMBUSEK
Wireless M-Bus Evaluation Kit
EZLC-4421 HB
EZLink Kit; F930/Si4421 EZRadio High-Band (868/915 MHz)
EZLC-4421 LB
EZLink Kit; F930/Si4421 EZRadio Low-Band (433 MHz)
EZLC4432B1-D470
EZLink Kit; F930/Si4432 rev B1 EZRadioPRO 470 MHz
EZLC4431B1-D434
EZLink Kit; F930/Si4431 rev B1 EZRadioPRO 434 MHz
EZLC4431B1-D868
EZLink Kit; F930/Si4431 rev B1 EZRadioPRO High-Band
ISM-DATD2-915
ISM Temp Demo (IA4221 Based (915MHz))
ISM-DK3
ISM Development Kit 3
RF-to-USB-RD
Two board RF to USB Reference Design
SDBC-DK3
EZRadioPRO™ Wireless Development Kit using F930
4311-DK1
Si4311 Demo Board
4312-DK1
Si4312 Demo Board
4421-DAELC HB
EZLink Module; F930/4421 High Band
4421-DAELC LB
EZLink Module; F930/4421 Low Band
Wireless Radio Test Kits
Test Cards
Pico Card
I/O Card
UDP Motherboard
MCU Card



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com