Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WIRELESSMBUSEK Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # WIRELESSMBUSEK
Description  WIRELESS PRODUCT SELECTOR GUIDE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WIRELESSMBUSEK Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button WIRELESSMBUSEK Datasheet HTML 4Page - List of Unclassifed Manufacturers WIRELESSMBUSEK Datasheet HTML 5Page - List of Unclassifed Manufacturers WIRELESSMBUSEK Datasheet HTML 6Page - List of Unclassifed Manufacturers WIRELESSMBUSEK Datasheet HTML 7Page - List of Unclassifed Manufacturers WIRELESSMBUSEK Datasheet HTML 8Page - List of Unclassifed Manufacturers WIRELESSMBUSEK Datasheet HTML 9Page - List of Unclassifed Manufacturers WIRELESSMBUSEK Datasheet HTML 10Page - List of Unclassifed Manufacturers WIRELESSMBUSEK Datasheet HTML 11Page - List of Unclassifed Manufacturers WIRELESSMBUSEK Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
7 / W IR E L E S S P R O D U C T S E L EC T O R G U ID E
PART NUMBER
TYPE
FREQUENCY
ANTENNA CONFIGURATION
4313-T-B1 B ANY
Si4313 RX Testcard
240-960 MHz
50 Ohm
EZRadio Development Kit Test Cards
EZRadioPRO Development Kit Test Cards
PART NUMBER
TYPE
FREQUENCY
ANTENNA CONFIGURATION
4432-T-B1 A 915
Si4432 TRX Testcard
915 MHz
Two antennas mounted at 90°; used to evaluate the
embedded antenna diversity algorithm
4432-T-B1 B 915
Si4432 TRX Testcard
915 MHz
Separate TX and RX designed for lab testing
(not reccomended for range testing)
4432-T-B1 C 915
Si4432 TRX Testcard
915 MHz
Single tied antenna implemented with RF switch
4432-T-B1 C 868
Si4432 TRX Testcard
868 MHz
Single tied antenna implemented with RF switch
4432-T-B1 B 470
Si4432 TRX Testcard
470 MHz
Separate TX and RX designed for lab testing
(not reccomended for range testing)
4432-T-B1 C 470
Si4432 TRX Testcard
470 MHz
Single tied antenna implemented with RF switch
4432-T-B1 D 470
Si4432 TRX Testcard
470 MHz
Single tied antenna implemented with RF switch
4431-T-B1 B 868
Si4431 TRX Testcard
868 MHz
Separate TX and RX designed for lab testing
(not reccomended for range testing)
4431-T-B1 D 868
Si4431 TRX Testcard
868 MHz
Single tied antenna implemented without RF switch
4431-T-B1 B 434
Si4431 TRX Testcard
434 MHz
Separate TX and RX designed for lab testing
(not reccomended for range testing)
4431-T-B1 D 434
Si4431 TRX Testcard
434 MHz
Single tied antenna implemented without RF switch
4430-T-B1 B 950
Si4430 TRX Testcard
950 MHz
Separate TX and RX designed for lab testing
(not reccomended for range testing)
4430-T-B1 D 950
Si4430 TRX Testcard
950 MHz
Single Antenna implemented without RF switch
4330-T-B1 B 434
Si4430 RX Testcard
434 MHz
Single tied antenna
PART NUMBER
DESCRIPTION
4431-SEB1 D 868
EZLink Module; F930/4431 High Band (rev e/B1)
4431-SEB1 D 434
EZLink Module; F930/4431 Low Band (rev e/B1)
4432-SEB1 C 915
EZLink Module; F930/4432 High Band (rev e/B1)
4432-SEB1 C 470
EZLink Module; F930/4432 Low Band (rev e/B1)
Si4463-915-DK
Si4463 Wireless Kit - 915 MHz Development Kit
Si4461-868-DK
Si4461 Wireless Kit - 868 MHz Development Kit
Wireless Development Kits (cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com