Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA40 Datasheet(PDF) 22 Page - Socay Electornics Co., Ltd.

Part # SA40
Description  Surface Mount Transient Voltage Suppressors (TVS)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SA40 Datasheet(HTML) 22 Page - Socay Electornics Co., Ltd.

Back Button SA40 Datasheet HTML 18Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 19Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 20Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 21Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 22Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 23Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 24Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 25Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 26Page - Socay Electornics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
www.socay.com
22
Surface Mount Transient Voltage Suppressors (TVS)
5.0SMDJ Series 11 To 440 V 5000W
Part Number
Marking
Breakdown
Voltage VBR
(V)
@IT
Uni
Bi
Uni
Bi
Reverse
Stand-Off
Voltage
VRWM(V)
MIN
MAX
Test
Current
IT
(mA)
Maximum
Clamping
Voltage
VC
@IPP (V)
Maximum
Peak
Pulse
Current
IPP (A)
Maximum
Reverse
Leakage IR
@VRWM
(
μA)
5.0SMDJ11
5.0SMDJ11C
5PDW
5BDW
11.0
12.20
14.90
1
20.1
251.24
800
5.0SMDJ11A
5.0SMDJ11CA
5PDX
5BDX
11.0
12.20
13.50
1
18.2
277.47
800
5.0SMDJ12
5.0SMDJ12C
5PDY
5BDY
12.0
13.30
16.30
1
22.0
229.55
800
5.0SMDJ12A
5.0SMDJ12CA
5PDZ
5BDZ
12.0
13.30
14.70
1
19.9
253.77
800
5.0SMDJ13
5.0SMDJ13C
5PED
5BED
13.0
14.40
17.60
1
23.8
212.18
500
5.0SMDJ13A
5.0SMDJ13CA
5PEE
5BEE
13.0
14.40
15.90
1
21.5
234.88
500
5.0SMDJ14
5.0SMDJ14C
5PEF
5BEF
14.0
15.60
19.10
1
25.8
195.74
200
5.0SMDJ14A
5.0SMDJ14CA
5PEG
5BEG
14.0
15.60
17.20
1
23.2
217.67
200
5.0SMDJ15
5.0SMDJ15C
5PEH
5BEH
15.0
16.70
20.40
1
26.9
187.73
100
5.0SMDJ15A
5.0SMDJ15CA
5PEK
5BEK
15.0
16.70
18.50
1
24.4
206.97
100
5.0SMDJ16
5.0SMDJ16C
5PEL
5BEL
16.0
17.80
21.80
1
28.8
175.35
50
5.0SMDJ16A
5.0SMDJ16CA
5PEM
5BEM
16.0
17.80
19.70
1
26.0
194.23
50
5.0SMDJ17
5.0SMDJ17C
5PEN
5BEN
17.0
18.90
23.10
1
30.5
165.57
20
5.0SMDJ17A
5.0SMDJ17CA
5PEP
5BEP
17.0
18.90
20.90
1
27.6
182.97
20
5.0SMDJ18
5.0SMDJ18C
5PEQ
5BEQ
18.0
20.00
24.40
1
32.2
156.83
10
5.0SMDJ18A
5.0SMDJ18CA
5PER
5BER
18.0
20.00
22.10
1
29.2
172.95
10
5.0SMDJ19
5.0SMDJ19C
5PES
5BES
19.0
21.13
25.76
1
34.0
148.49
10
5.0SMDJ19A
5.0SMDJ19CA
5PET
5BET
19.0
21.10
23.30
1
30.8
164.07
10
5.0SMDJ20
5.0SMDJ20C
5PEU
5BEU
20.0
22.20
27.10
1
35.8
141.06
5
5.0SMDJ20A
5.0SMDJ20CA
5PEV
5BEV
20.0
22.20
24.50
1
32.4
155.86
5
5.0SMDJ22
5.0SMDJ22C
5PEW
5BEW
22.0
24.40
29.80
1
39.4
128.17
5
5.0SMDJ22A
5.0SMDJ22CA
5PEX
5BEX
22.0
24.40
26.90
1
35.5
142.25
5
5.0SMDJ24
5.0SMDJ24C
5PEY
5BEY
24.0
26.70
32.60
1
43.0
117.44
5
5.0SMDJ24A
5.0SMDJ24CA
5PEZ
5BEZ
24.0
26.70
29.50
1
38.9
129.82
5
5.0SMDJ26
5.0SMDJ26C
5PFD
5BFD
26.0
28.90
35.30
1
46.6
108.37
5
5.0SMDJ26A
5.0SMDJ26CA
5PFE
5BFE
26.0
28.90
31.90
1
42.1
119.95
5
5.0SMDJ28
5.0SMDJ28C
5PFF
5BFF
28.0
31.10
38.00
1
50.0
101.00
5
5.0SMDJ28A
5.0SMDJ28CA
5PFG
5BFG
28.0
31.10
34.40
1
45.4
111.23
5
5.0SMDJ30
5.0SMDJ30C
5PFH
5BFH
30.0
33.30
40.70
1
53.5
94.39
5
5.0SMDJ30A
5.0SMDJ30CA
5PFK
5BFK
30.0
33.30
36.80
1
48.4
104.34
5
5.0SMDJ33
5.0SMDJ33C
5PFL
5BFL
33.0
36.70
44.90
1
59.0
85.59
5
5.0SMDJ33A
5.0SMDJ33CA
5PFM
5BFM
33.0
36.70
40.60
1
53.3
94.75
5
5.0SMDJ36
5.0SMDJ36C
5PFN
5BFN
36.0
40.00
48.90
1
64.3
78.54
5
5.0SMDJ36A
5.0SMDJ36CA
5PFP
5BFP
36.0
40.00
44.20
1
58.1
86.92
5
5.0SMDJ40
5.0SMDJ40C
5PFQ
5BFQ
40.0
44.40
54.30
1
71.4
70.73
5
5.0SMDJ40A
5.0SMDJ40CA
5PFR
5BFR
40.0
44.40
49.10
1
64.5
78.29
5
5.0SMDJ43
5.0SMDJ43C
5PFS
5BFS
43.0
47.80
58.40
1
76.7
65.84
5
5.0SMDJ43A
5.0SMDJ43CA
5PFT
5BFT
43.0
47.80
52.80
1
69.4
72.77
5
5.0SMDJ45
5.0SMDJ45C
5PFU
5BFU
45.0
50.00
61.10
1
80.3
62.89
5
5.0SMDJ45A
5.0SMDJ45CA
5PFV
5BFV
45.0
50.00
55.30
1
72.7
69.46
5
5.0SMDJ48
5.0SMDJ48C
5PFW
5BFW
48.0
53.30
65.10
1
85.5
59.06
5
5.0SMDJ48A
5.0SMDJ48CA
5PFX
5BFX
48.0
53.30
58.90
1
77.4
65.25
5
5.0SMDJ51
5.0SMDJ51C
5PFY
5BFY
51.0
56.70
69.30
1
91.1
55.43
5
5.0SMDJ51A
5.0SMDJ51CA
5PFZ
5BFZ
51.0
56.70
62.70
1
82.4
61.29
5
5.0SMDJ54
5.0SMDJ54C
5PGD
5BGD
54.0
60.00
73.30
1
96.3
52.44
5
5.0SMDJ54A
5.0SMDJ54CA
5PGE
5BGE
54.0
60.00
66.30
1
87.1
57.98
5
5.0SMDJ58
5.0SMDJ58C
5PGF
5BGF
58.0
64.40
78.70
1
103.0
49.03
5
5.0SMDJ58A
5.0SMDJ58CA
5PGG
5BGG
58.0
64.40
71.20
1
93.6
53.95
5
Electrical Characteristics (TA=25℃ unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com