Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA40 Datasheet(PDF) 52 Page - Socay Electornics Co., Ltd.

Part # SA40
Description  Surface Mount Transient Voltage Suppressors (TVS)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SA40 Datasheet(HTML) 52 Page - Socay Electornics Co., Ltd.

Back Button SA40 Datasheet HTML 48Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 49Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 50Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 51Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 52Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 53Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 54Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 55Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 56Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 52 / 56 page
background image
www.socay.com
52
Radial Lead Transient Voltage Suppressors (TVS)
K Series
1KA To 10KA
u
Axial lead terminals
u
High current transient suppressor
u
Excellent Clamping Capability
u
Glass Passivated Junction
u
Bi-directional
u
Low Slope Resistance
u
Repetition Rate (duty cycle):0.01%
u
Hazardous Substances Free
u
RoHS Compliant
u
High Temperature soldering: 260
°C/10 seconds at terminals
u
Epoxy Encapsulated
u
Silver plated leads
u
Solderable per MIL-STD-202 Method 208
Dimensions
Inches
Millimeters
A
max 0.571
max 14.5
B
Max0.500
max 12.7
C
Φ0.051±0.004
Φ1.30±0.1
D
0.236
±0.040
6.0
±1.0
E
0.950
±0.028
24.15
±0.7
F
max 0.10
max 2.5
Dimensions
Features



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com