Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA40 Datasheet(PDF) 23 Page - Socay Electornics Co., Ltd.

Part # SA40
Description  Surface Mount Transient Voltage Suppressors (TVS)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SA40 Datasheet(HTML) 23 Page - Socay Electornics Co., Ltd.

Back Button SA40 Datasheet HTML 19Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 20Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 21Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 22Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 23Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 24Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 25Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 26Page - Socay Electornics Co., Ltd. SA40 Datasheet HTML 27Page - Socay Electornics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
www.socay.com
23
Surface Mount Transient Voltage Suppressors (TVS)
5.0SMDJ Series 11 To 440 V 5000W
Part Number
Marking
Breakdown
Voltage VBR
(V)
@IT
Uni
Bi
Uni
Bi
Reverse
Stand-Off
Voltage
VRWM(V)
MIN
MAX
Test
Current
IT
(mA)
Maximum
Clamping
Voltage
VC
@IPP (V)
Maximum
Peak
Pulse
Current
IPP (A)
Maximum
Reverse
Leakage IR
@VRWM
(
μA)
5.0SMDJ60
5.0SMDJ60C
5PGH
5BGH
60.0
66.70
81.50
1
107.0
47.20
5
5.0SMDJ60A
5.0SMDJ60CA
5PGK
5BGK
60.0
66.70
73.70
1
96.8
52.17
5
5.0SMDJ64
5.0SMDJ64C
5PGL
5BGL
64.0
71.10
86.90
1
114.0
44.30
5
5.0SMDJ64A
5.0SMDJ64CA
5PGM
5BGM
64.0
71.10
78.60
1
103.0
49.03
5
5.0SMDJ70
5.0SMDJ70C
5PGN
5BGN
70.0
77.80
95.10
1
125.0
40.40
5
5.0SMDJ70A
5.0SMDJ70CA
5PGP
5BGP
70.0
77.80
86.00
1
113.0
44.69
5
5.0SMDJ75
5.0SMDJ75C
5PGQ
5BGQ
75.0
83.30
102.00
1
134.0
37.69
5
5.0SMDJ75A
5.0SMDJ75CA
5PGR
5BGR
75.0
83.30
92.10
1
121.0
41.74
5
5.0SMDJ78
5.0SMDJ78C
5PGS
5BGS
78.0
86.70
106.00
1
139.0
36.33
5
5.0SMDJ78A
5.0SMDJ78CA
5PGT
5BGT
78.0
86.70
95.80
1
126.0
40.08
5
5.0SMDJ80
5.0SMDJ80C
5PGA
5BGA
80.0
88.96
108.80
1
143.2
35.27
5
5.0SMDJ80A
5.0SMDJ80CA
5PGB
5BGB
80.0
88.80
97.60
1
129.6
38.97
5
5.0SMDJ85
5.0SMDJ85C
5PGU
5BGU
85.0
94.40
115.00
1
151.0
33.44
5
5.0SMDJ85A
5.0SMDJ85CA
5PGV
5BGV
85.0
94.40
104.00
1
137.0
36.86
5
5.0SMDJ90
5.0SMDJ90C
5PGW
5BGW
90.0
100.00
122.00
1
160.0
31.56
5
5.0SMDJ90A
5.0SMDJ90CA
5PGX
5BGX
90.0
100.00
111.00
1
146.0
34.59
5
5.0SMDJ100
5.0SMDJ100C
5PGY
5BGY
100.0
111.00
136.00
1
179.0
28.21
5
5.0SMDJ100A 5.0SMDJ100CA
5PGZ
5BGZ
100.0
111.00
123.00
1
162.0
31.17
5
5.0SMDJ110
5.0SMDJ110C
5PHD
5BHD
110.0
122.00
149.00
1
196.0
25.77
5
5.0SMDJ110A 5.0SMDJ110CA
5PHE
5BHE
110.0
122.00
135.00
1
177.0
28.53
5
5.0SMDJ120
5.0SMDJ120C
5PHF
5BHF
120.0
133.00
163.00
1
214.0
23.60
5
5.0SMDJ120A 5.0SMDJ120CA
5PHG
5BHG
120.0
133.00
147.00
1
193.0
26.17
5
5.0SMDJ130
5.0SMDJ130C
5PHH
5BHH
130.0
144.00
176.00
1
231.0
21.86
5
5.0SMDJ130A 5.0SMDJ130CA
5PHK
5BHK
130.0
144.00
159.00
1
209.0
24.16
5
5.0SMDJ140
5.0SMDJ140C
5PHA
5BHA
140.0
155.68
190.40
1
250.6
20.15
5
5.0SMDJ140A 5.0SMDJ140CA
5PHB
5BHB
140.0
155.00
171.00
1
226.8
22.27
5
5.0SMDJ150
5.0SMDJ150C
5PHL
5BHL
150.0
167.00
204.00
1
268.0
18.84
5
5.0SMDJ150A 5.0SMDJ150CA
5PHM
5BHM
150.0
167.00
185.00
1
243.0
20.78
5
5.0SMDJ160
5.0SMDJ160C
5PHN
5BHN
160.0
178.00
218.00
1
287.0
17.60
5
5.0SMDJ160A 5.0SMDJ160CA
5PHP
5BHP
160.0
178.00
197.00
1
259.0
19.50
5
5.0SMDJ170
5.0SMDJ170C
5PHQ
5BHQ
170.0
189.00
231.00
1
304.0
16.61
5
5.0SMDJ170A 5.0SMDJ170CA
5PHR
5BHR
170.0
189.00
209.00
1
275.0
18.36
5
5.0SMDJ180
5.0SMDJ180C
5PHS
5BHS
180.0
201.00
244.80
1
322.2
15.67
5
5.0SMDJ180A 5.0SMDJ180CA
5PHT
5BHT
180.0
201.00
220.00
1
291.6
17.32
5
5.0SMDJ190
5.0SMDJ190C
5PHU
5BHU
190.0
211.21
258.40
1
340.1
14.85
5
5.0SMDJ190A 5.0SMDJ190CA
5PHV
5BHV
190.0
211.00
232.00
1
307.8
16.41
5
5.0SMDJ200A 5.0SMDJ200CA 5PHW
5BHW
200.0
224.00
247.00
1
324.0
9.26
5
5.0SMDJ220A 5.0SMDJ220CA
5PHX
5BHX
220.0
246.00
272.00
1
356.0
8.43
5
5.0SMDJ250A 5.0SMDJ250CA
5PHZ
5BHZ
250.0
279.00
309.00
1
405.0
7.41
5
5.0SMDJ300A 5.0SMDJ300CA
5PJE
5BJE
300.0
335.00
371.00
1
486.0
6.17
5
5.0SMDJ350A 5.0SMDJ350CA
5PJG
5BJG
350.0
391.00
432.00
1
567.0
5.29
5
5.0SMDJ400A 5.0SMDJ400CA
5PJK
5BJK
400.0
447.00
494.00
1
648.0
4.63
5
5.0SMDJ440A 5.0SMDJ440CA
5PJM
5BJM
440.0
492.00
543.00
1
713.0
4.21
5
Note:
1. Suffix 'A ' denotes 5% tolerance device. Without 'A' denotes 10% tolerance device
2. Add suffix 'C 'or ' CA ' after part number to specify Bi-directional devices
3. For Bi-Directional devices having VR of 10 volts and under, the IR limit is double
Electrical Characteristics (TA=25℃ unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com