Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5195 Datasheet(PDF) 5 Page - NEC

Part # 2SC5195
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5195 Datasheet(HTML) 5 Page - NEC

  2SC5195 Datasheet HTML 1Page - NEC 2SC5195 Datasheet HTML 2Page - NEC 2SC5195 Datasheet HTML 3Page - NEC 2SC5195 Datasheet HTML 4Page - NEC 2SC5195 Datasheet HTML 5Page - NEC 2SC5195 Datasheet HTML 6Page - NEC 2SC5195 Datasheet HTML 7Page - NEC 2SC5195 Datasheet HTML 8Page - NEC 2SC5195 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2SC5195
5
S-PARAMETERS
VCE = 1 V, IC = 1 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.996
–19.0
3.632
166.2
0.039
66.4
0.989
–7.6
200.00
0.960
–37.5
3.266
153.8
0.096
63.3
0.944
–17.9
300.00
0.959
–35.2
3.200
140.1
0.141
56.6
0.884
–27.3
400.00
0.934
–69.6
3.015
128.0
0.172
48.5
0.837
–33.3
500.00
0.848
–83.7
2.686
119.0
0.187
40.4
0.785
–38.9
600.00
0.768
–92.1
2.409
113.0
0.200
36.4
0.748
–40.8
700.00
0.763
–104.0
2.226
105.1
0.216
30.6
0.710
–46.6
800.00
0.733
–116.4
2.025
97.7
0.219
25.8
0.637
–47.7
900.00
0.697
–124.6
1.848
90.5
0.220
23.2
0.604
–51.2
1000.00
0.678
–137.7
1.703
86.1
0.218
21.1
0.361
–52.7
1100.00
0.667
–138.0
1.560
80.4
0.218
17.3
0.534
–57.6
1200.00
0.673
–147.0
1.510
75.9
0.212
13.7
0.514
–62.6
1300.00
0.676
–153.6
1.359
71.8
0.209
10.7
0.492
–64.8
1400.00
0.689
–160.2
1.270
70.0
0.207
9.7
0.478
–63.7
1500.00
0.671
–166.1
1.265
61.1
0.214
8.2
0.483
–69.4
1600.00
0.644
–170.8
1.240
55.7
0.213
8.9
0.471
–73.4
1700.00
0.649
–176.4
1.174
51.7
0.205
9.2
0.460
–75.1
1800.00
0.605
176.0
1.183
49.6
0.197
11.7
0.450
–79.2
1900.00
0.633
171.5
1.100
47.0
0.192
12.1
0.440
–82.6
2000.00
0.640
165.5
1.034
45.8
0.184
13.3
0.442
–86.1
VCE = 1 V, IC = 3 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.901
–31.1
9.543
159.0
0.034
54.0
0.961
–16.2
200.00
0.830
–59.6
8.103
141.0
0.086
54.4
0.833
–34.0
300.00
0.784
–82.6
7.226
124.9
0.114
47.5
0.713
–48.5
400.00
0.715
–99.4
6.213
113.7
0.129
42.1
0.612
–56.1
500.00
0.643
–114.2
4.933
106.2
0.134
38.1
0.526
–61.0
600.00
0.600
–125.5
4.331
101.2
0.141
36.4
0.481
–62.6
700.00
0.590
–136.3
3.869
94.3
0.149
33.6
0.437
–69.4
800.00
0.568
–147.0
3.448
88.3
0.151
32.7
0.368
–72.6
900.00
0.536
–153.2
3.051
83.5
0.153
32.9
0.332
–75.3
1000.00
0.535
–160.4
2.791
80.1
0.157
33.4
0.304
–77.1
1100.00
0.571
–166.9
2.349
73.8
0.160
32.5
0.299
–81.3
1200.00
0.536
–173.3
2.398
72.1
0.161
31.8
0.280
–88.2
1300.00
0.547
179.9
2.211
68.4
0.164
31.3
0.255
–91.3
1400.00
0.536
178.2
2.098
65.8
0.169
31.6
0.241
–95.0
1500.00
0.550
172.3
2.031
60.4
0.180
31.2
0.236
–95.7
1600.00
0.528
169.3
1.920
56.3
0.189
32.1
0.231
–100.8
1700.00
0.534
163.8
1.840
32.8
0.194
33.4
0.217
–105.1
1800.00
0.517
158.2
1.740
51.4
0.198
35.5
0.214
110.3
1900.00
0.541
154.5
1.654
47.4
0.202
36.2
0.211
–115.4
2000.00
0.550
150.2
1.558
48.0
0.203
36.7
0.216
–118.6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com