Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5195 Datasheet(PDF) 7 Page - NEC

Part # 2SC5195
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5195 Datasheet(HTML) 7 Page - NEC

Back Button 2SC5195 Datasheet HTML 2Page - NEC 2SC5195 Datasheet HTML 3Page - NEC 2SC5195 Datasheet HTML 4Page - NEC 2SC5195 Datasheet HTML 5Page - NEC 2SC5195 Datasheet HTML 6Page - NEC 2SC5195 Datasheet HTML 7Page - NEC 2SC5195 Datasheet HTML 8Page - NEC 2SC5195 Datasheet HTML 9Page - NEC 2SC5195 Datasheet HTML 10Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2SC5195
7
VCE = 1 V, IC = 10 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.639
–61.3
20.675
147.3
0.035
48.8
0.804
–36.3
200.00
0.590
–102.5
14.774
119.3
0.061
44.7
0.574
–63.1
300.00
0.541
–127.6
10.985
105.4
0.073
46.2
0.440
–81.7
400.00
0.498
–143.4
8.497
97.6
0.082
48.6
0.345
–91.1
500.00
0.487
–154.2
6.903
93.3
0.090
50.6
0.273
–98.0
600.00
0.492
–163.1
5.954
89.4
0.100
52.1
0.239
–100.0
700.00
0.485
–169.6
5.156
84.3
0.109
51.9
0.230
–108.6
800.00
0.473
–176.8
4.503
80.3
0.117
52.2
0.202
–119.4
900.00
0.451
179.1
3.934
77.1
0.126
53.0
0.181
–126.3
1000.00
0.462
173.5
3.602
74.4
0.138
53.2
0.165
–129.6
1100.00
0.459
167.6
3.283
71.1
0.148
52.9
0.168
–131.0
1200.00
0.477
164.4
3.050
68.3
0.156
52.2
0.175
–139.3
1300.00
0.484
160.0
2.814
65.2
0.164
51.3
0.167
–147.1
1400.00
0.491
160.0
2.674
62.8
0.175
50.5
0.160
–154.1
1500.00
0.496
155.4
2.551
58.7
0.188
49.2
0.157
–157.1
1600.00
0.477
153.3
2.401
55.4
0.203
48.1
0.167
–161.0
1700.00
0.486
149.0
2.287
52.5
0.213
48.4
0.172
–168.2
1800.00
0.482
144.7
2.141
51.8
0.224
48.9
0.185
–171.8
1900.00
0.503
141.9
2.042
50.1
0.231
48.7
0.190
–175.4
2000.00
0.512
138.5
1.927
49.1
0.238
48.0
0.198
–175.5
VCE = 3 V, IC = 1 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
1.007
–16.8
3.616
167.8
0.022
69.7
1.001
–5.4
200.00
0.975
–32.9
3.279
157.4
0.071
63.6
0.963
–13.4
300.00
0.977
–48.7
3.255
145.0
0.104
59.0
0.913
–20.9
400.00
0.962
–62.1
3.126
133.6
0.131
55.2
0.886
–25.4
500.00
0.881
–75.6
2.830
124.9
0.145
45.7
0.845
–30.3
600.00
0.797
–83.0
2.349
119.3
0.155
41.8
0.816
–31.5
700.00
0.792
–94.6
2.374
112.1
0.169
36.4
0.792
–36.4
800.00
0.756
–107.0
2.164
105.0
0.172
31.3
0.726
–37.0
900.00
0.721
–115.7
1.995
97.8
0.175
28.9
0.696
–39.7
1000.00
0.699
–123.7
1.839
93.4
0.174
27.0
0.652
–40.1
1100.00
0.688
–129.2
1.679
88.0
0.173
23.4
0.648
–44.7
1200.00
0.687
–138.5
1.636
83.5
0.169
20.0
0.597
–48.6
1300.00
0.685
–147.5
1.478
80.0
0.168
17.3
0.583
–50.2
1400.00
0.694
–153.3
1.419
78.7
0.166
16.4
0.568
–53.8
1500.00
0.674
–159.1
1.376
69.5
0.171
15.0
0.579
–54.5
1600.00
0.647
–164.2
1.352
63.9
0.170
15.9
0.567
–57.9
1700.00
0.654
–169.9
1.253
60.0
0.165
16.5
0.558
–58.9
1800.00
0.599
–177.9
1.296
57.1
0.158
19.6
0.546
–61.9
1900.00
0.630
177.0
1.199
54.8
0.156
20.8
0.533
–63.7
2000.00
0.630
170.4
1.129
53.0
0.149
22.6
0.533
–67.2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com