Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5195 Datasheet(PDF) 8 Page - NEC

Part # 2SC5195
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5195 Datasheet(HTML) 8 Page - NEC

Back Button 2SC5195 Datasheet HTML 2Page - NEC 2SC5195 Datasheet HTML 3Page - NEC 2SC5195 Datasheet HTML 4Page - NEC 2SC5195 Datasheet HTML 5Page - NEC 2SC5195 Datasheet HTML 6Page - NEC 2SC5195 Datasheet HTML 7Page - NEC 2SC5195 Datasheet HTML 8Page - NEC 2SC5195 Datasheet HTML 9Page - NEC 2SC5195 Datasheet HTML 10Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2SC5195
8
VCE = 3 V, IC = 3 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.917
–25.8
9.668
161.9
0.022
49.8
0.976
–11.1
200.00
0.852
–49.6
8.385
146.2
0.064
56.6
0.883
–24.7
300.00
0.808
–70.7
7.736
130.9
0.088
52.8
0.778
–36.0
400.00
0.742
–86.4
6.482
119.3
0.103
47.0
0.695
–41.4
500.00
0.657
–101.0
5.525
111.8
0.109
43.1
0.621
–45.2
600.00
0.594
–111.4
4.878
106.9
0.114
42.0
0.579
–45.6
700.00
0.578
–122.9
4.396
100.2
0.121
39.2
0.537
–50.4
800.00
0.553
–134.5
3.948
94.4
0.123
37.7
0.469
–51.0
900.00
0.517
–141.4
3.515
89.0
0.127
38.1
0.434
–52.3
1000.00
0.506
–149.2
3.201
85.6
0.130
38.6
0.402
–52.1
1100.00
0.491
–155.4
2.930
81.2
0.133
38.0
0.396
–55.7
1200.00
0.499
–163.1
2.760
77.5
0.134
37.5
0.364
–60.4
1300.00
0.507
–170.8
2.539
74.0
0.137
37.2
0.342
–61.6
1400.00
0.513
–173.8
2.423
71.7
0.141
37.7
0.328
–63.8
1500.00
0.505
–179.5
2.346
66.3
0.150
37.4
0.327
–64.1
1600.00
0.485
176.9
2.233
62.1
0.157
38.5
0.320
–67.3
1700.00
0.490
171.1
2.118
58.7
0.163
39.7
0.306
–68.6
1800.00
0.468
164.9
2.017
56.9
0.167
42.2
0.295
–71.9
1900.00
0.492
160.6
1.907
53.0
0.172
43.2
0.283
–74.2
2000.00
0.499
155.6
1.804
53.5
0.175
44.1
0.285
–77.3
VCE = 3 V, IC = 5 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.844
–32.2
14.254
157.1
0.026
43.6
0.949
–15.0
200.00
0.757
–62.0
11.790
138.2
0.059
51.0
0.806
–32.6
300.00
0.687
–85.1
9.852
122.3
0.077
49.6
0.674
–45.0
400.00
0.609
–101.4
8.167
111.7
0.086
47.2
0.575
–30.2
500.00
0.544
–116.0
6.786
105.3
0.093
45.6
0.496
–52.9
600.00
0.502
–127.4
5.941
100.6
0.098
46.1
0.436
–52.3
700.00
0.489
–137.9
5.275
94.6
0.105
45.0
0.418
–57.1
800.00
0.470
–148.2
4.669
89.6
0.108
44.8
0.358
–57.9
900.00
0.441
–154.3
4.119
85.1
0.113
46.0
0.325
–58.8
1000.00
0.437
–161.6
3.749
82.0
0.120
47.0
0.300
–58.2
1100.00
0.423
–168.4
3.443
78.2
0.126
46.9
0.297
–61.3
1200.00
0.437
–174.3
3.209
74.9
0.130
46.8
0.274
–66.8
1300.00
0.446
178.9
2.964
71.7
0.135
46.5
0.253
–68.2
1400.00
0.453
176.9
2.806
69.3
0.142
46.7
0.238
–70.0
1500.00
0.448
171.6
2.696
64.8
0.152
46.1
0.236
–70.3
1600.00
0.434
168.9
2.552
61.0
0.163
46.3
0.231
–74.0
1700.00
0.440
163.3
2.434
57.9
0.171
47.0
0.217
–76.1
1800.00
0.428
157.8
2.291
56.5
0.178
48.6
0.208
–80.2
1900.00
0.451
154.0
2.178
54.8
0.185
49.2
0.199
–83.4
2000.00
0.459
149.5
2.056
53.5
0.190
49.4
0.201
–86.7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com