Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5288 Datasheet(PDF) 4 Page - NEC

Part # 2SC5288
Description  NPN SILICON EPITAXIAL TRANSISTOR FOR L-BAND LOW-POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5288 Datasheet(HTML) 4 Page - NEC

  2SC5288 Datasheet HTML 1Page - NEC 2SC5288 Datasheet HTML 2Page - NEC 2SC5288 Datasheet HTML 3Page - NEC 2SC5288 Datasheet HTML 4Page - NEC 2SC5288 Datasheet HTML 5Page - NEC 2SC5288 Datasheet HTML 6Page - NEC 2SC5288 Datasheet HTML 7Page - NEC 2SC5288 Datasheet HTML 8Page - NEC 2SC5288 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2SC5288
4
S-Parameters
(VCE = 3.0 V, IC = 10 mA)
FREQUENCY
S11
S21
S12
S22
MHz
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
1 500.000 000
719.74 mU
145.59
2.5304 U
49.912
92.605 mU
32.197
269.43 mU
–162.09
1 600.000 000
725.17 mU
142.26
2.3524 U
46.6
96.439 mU
32.428
277.83 mU
–164.53
1 700.000 000
730.14 mU
139.35
2.2024 U
43.606
98.551 mU
31.724
285.95 mU
–167.17
1 800.000 000
734.51 mU
136.33
2.0758 U
40.652
101.97
mU
32.26
291.71 mU
–169.94
1 900.000 000
736.09 mU
133.47
1.9504 U
37.767
105.91
mU
32.58
296.81 mU
–172.29
2 000.000 000
741.91 mU
131.09
1.8424 U
35.152
109.67
mU
32.724
306.06 mU
–174.21
2 100.000 000
748.73 mU
128.78
1.7558 U
32.448
112.75
mU
32.428
315.33 mU
–176.37
2 200.000 000
754.01 mU
126.44
1.667
U
29.578
117.1
mU
31.998
328.73 mU
–178.23
2 300.000 000
759.69 mU
124.26
1.5776 U
26.9
120.12
mU
31.877
339.48 mU
179.63
2 400.000 000
766.56 mU
122.08
1.5164 U
24.484
123.62
mU
30.885
350.98 mU
178.09
2 500.000 000
771.87 mU
119.93
1.4454 U
21.959
126.88
mU
30.505
361.52 mU
175.96
(VCE = 3.0 V, IC = 30 mA)
FREQUENCY
S11
S21
S12
S22
MHz
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
1 500.000 000
718.13 mU
140.47
2.906
U
51.601
58.392 mU
45.508
366.98 mU
172.27
1 600.000 000
722.71 mU
137.52
2.705
U
48.766
103.52
mU
45.019
375.84 mU
170.43
1 700.000 000
727.33 mU
134.99
2.529
U
45.978
163.77
mU
44.249
381.99 mU
168.46
1 800.000 000
732.6
mU
132.15
2.3833 U
43.462
112.93
mU
43.234
387.24 mU
166.61
1 900.000 000
735.5
mU
129.63
2.2398 U
41.131
117.39
mU
42.578
390.16 mU
165.06
2 000.000 000
740.45 mU
127.49
2.1224 U
36.757
123.34
mU
41.657
397.12 mU
163.13
2 100.000 000
745.53 mU
125.33
2.0153 U
36.255
129.41
mU
40.651
407.11 mU
161.77
2 200.000 000
750.91 mU
123.06
1.9181 U
33.743
131.93
mU
38.405
418.19 mU
159.94
2 300.000 000
759.01 mU
121.14
1.8178 U
31.223
136.48
mU
37.711
426.5
mU
158.37
2 400.000 000
761.08 mU
119.16
1.7408 U
28.942
140.61
mU
37.014
434.53 mU
157.33
2 500.000 000
767.45 mU
116.96
1.6687 U
27.03
144.07
mU
35.399
441.36 mU
155.85
(VCE = 3.0 V, IC = 50 mA)
FREQUENCY
S11
S21
S12
S22
MHz
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
1 500.000 000
721.15 mU
139.11
2.9537 U
51.692
100.55
mU
49.053
400.14 mU
168.02
1 600.000 000
727.05 mU
136.26
2.7434 U
49.146
105.85
mU
47.828
407.06 mU
166.73
1 700.000 000
730.75 mU
133.92
2.5727 U
46.272
111.69
mU
46.851
413.33 mU
164.57
1 800.000 000
735.5
mU
131.13
2.4209 U
44.011
116.44
mU
45.585
417.55 mU
162.53
1 900.000 000
738.27 mU
128.6
2.2735 U
41.521
121.1
mU
44.857
421.25 mU
161.09
2 000.000 000
742.45 mU
126.48
2.1536 U
39.297
127.33
mU
43.381
428.43 mU
159.66
2 100.000 000
749.88 mU
124.38
2.0444 U
36.818
131.74
mU
42.102
438.22 mU
157.56
2 200.000 000
754
mU
122.2
1.9435 U
34.516
135.72
mU
40.877
447.62 mU
156.27
2 300.000 000
758.95 mU
120.32
1.8414 U
32.182
140.35
mU
39.707
455.11 mU
154.95
2 400.000 000
765.69 mU
118.28
1.7677 U
29.845
144.86
mU
38.335
463.97 mU
154
2 500.000 000
770.1
mU
116.29
1.6901 U
27.973
148.52
mU
36.575
469.1
mU
152.35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com