Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5288 Datasheet(PDF) 7 Page - NEC

Part # 2SC5288
Description  NPN SILICON EPITAXIAL TRANSISTOR FOR L-BAND LOW-POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5288 Datasheet(HTML) 7 Page - NEC

Back Button 2SC5288 Datasheet HTML 3Page - NEC 2SC5288 Datasheet HTML 4Page - NEC 2SC5288 Datasheet HTML 5Page - NEC 2SC5288 Datasheet HTML 6Page - NEC 2SC5288 Datasheet HTML 7Page - NEC 2SC5288 Datasheet HTML 8Page - NEC 2SC5288 Datasheet HTML 9Page - NEC 2SC5288 Datasheet HTML 10Page - NEC 2SC5288 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
2SC5288
7
CHARACTERISTICS CURVES
30
25
20
15
10
5
80
60
40
20
0
8
7
6
5
4
30
20
10
0
C
(%)
GP
(dB)
IC
(mA)
5
10152025
GP
IC
C
PIN (dBm)
Pout
OUTPUT POWER / COLLECTOR EFFICIENCY / COLLECTOR CURRENT /
POWER GAIN VS. INPUT POWER
f = 1.9 GHz, VCC = 3.6 V,
ICq = 1 mA (Duty 1/8)
η
η
(Reference)
Data from the above graph
P–1
24.3
dBm
ηC (at P–1)62
%
IC (at P–1)15
mA
GL
8.9
dB
Note
ICq is stand for the collector current when input power off.
Above the ICq and IC are showing current value at 1/8 duty operation.
In case of CW (continuous wave) operation, the current value becomes eight times.
Actual bias condition; VCE = 3.6 V, ICq = 8 mA @ Pin = OFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com