Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5288 Datasheet(PDF) 1 Page - NEC

Part # 2SC5288
Description  NPN SILICON EPITAXIAL TRANSISTOR FOR L-BAND LOW-POWER AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5288 Datasheet(HTML) 1 Page - NEC

  2SC5288 Datasheet HTML 1Page - NEC 2SC5288 Datasheet HTML 2Page - NEC 2SC5288 Datasheet HTML 3Page - NEC 2SC5288 Datasheet HTML 4Page - NEC 2SC5288 Datasheet HTML 5Page - NEC 2SC5288 Datasheet HTML 6Page - NEC 2SC5288 Datasheet HTML 7Page - NEC 2SC5288 Datasheet HTML 8Page - NEC 2SC5288 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©
1995
DATA SHEET
SILICON TRANSISTOR
The 2SC5288 is ideal for the driver stage amplifier in 1.9GHz-band digital
cordless phones (DECT, PHS, etc.).
FEATURES
•P–1 = 24 dBm TYP.
@f = 1.9 GHz, VCC = 3.6 V, ICq = 1 mA (Class AB), Duty = 1/8
•
4-Pin Mini Mold Package
EIAJ: SC-61
ORDERING INFORMATION
Part Number
Quantity
Packing Style
2SC5288-T1
3 Kpcs/Reel
Embossed tape 8 mm wide.
Pin 3 (Base), Pin 4 (Emitter) face
to perforation side of the tape.
Remark
If you require an evaluation sample, please contact an NEC Sales
Representative. (Unit sample quantity is 50 pcs.)
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
Parameter
Symbol
Rating
Unit
Collector to Base Voltage
VCBO
9.0
V
Collector to Emitter Voltage
VCEO
6.0
V
Emitter to Base Voltage
VEBO
2.0
V
Collector Current
IC
150
mA
Total Power Dissipation
PT
200 (CW)
mW
1.0 (duty = 1/8)Note
W
2.5 (duty = 1/24)Note
W
Junction Temperature
Tj
150
˚C
Storage Temperature
Tstg
–65 to +150
˚C
Note Pulse period is 10 msec or less.
2SC5288
NPN SILICON EPITAXIAL TRANSISTOR
FOR L-BAND LOW-POWER AMPLIFIER
PACKAGE DRAWING
(Unit: mm)
2.8
+0.2
–0.3
1.5
+0.2
–0.1
5°
5°
5°
5°
PIN CONNECTIONS
1. Collector
2. Emitter
3. Base
4. Emitter
Document No. P10249EJ2V0DS00 (2nd edition)
Date Published December 1995 P
Printed in Japan


Similar Part No. - 2SC5288

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5288 RENESAS-2SC5288 Datasheet
344Kb / 14P
NPN SILICON EPITAXIAL TRANSISTOR FOR L-BAND LOW-POWER AMPLIFIER
October 2001
2SC5288-T1 RENESAS-2SC5288-T1 Datasheet
344Kb / 14P
NPN SILICON EPITAXIAL TRANSISTOR FOR L-BAND LOW-POWER AMPLIFIER
October 2001
More results

Similar Description - 2SC5288

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5289 NEC-2SC5289 Datasheet
114Kb / 12P
NPN SILICON EPITAXIAL TRANSISTOR FOR L-BAND LOW-POWER AMPLIFIER
NEL200101-24 NEC-NEL200101-24 Datasheet
88Kb / 12P
NPN SILICON EPITAXIAL TRANSISTOR L Band Power Amplifier
NEL2004F02-24 NEC-NEL2004F02-24 Datasheet
89Kb / 12P
NPN SILICON EPITAXIAL TRANSISTOR L Band Power Amplifier
NEL2012F03-24 NEC-NEL2012F03-24 Datasheet
108Kb / 12P
NPN SILICON EPITAXIAL TRANSISTOR L BAND POWER AMPLIFIER
NEL2035F03-24 NEC-NEL2035F03-24 Datasheet
107Kb / 12P
NPN SILICON EPITAXIAL TRANSISTOR L Band Power Amplifier
logo
Wing Shing Computer Com...
2SC1061 WINGS-2SC1061 Datasheet
69Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
logo
Renesas Technology Corp
2SC2586 RENESAS-2SC2586 Datasheet
160Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR UHF-BAND POWER AMPLIFIER INDUSTRIAL USE
July 1996
2SC2762 RENESAS-2SC2762 Datasheet
191Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR FOR UHF-BAND POWER AMPLIFIER INDUSTRIAL USE
July 1996 P
2SC5288 RENESAS-2SC5288 Datasheet
344Kb / 14P
NPN SILICON EPITAXIAL TRANSISTOR FOR L-BAND LOW-POWER AMPLIFIER
October 2001
2SC5289 RENESAS-2SC5289 Datasheet
342Kb / 14P
NPN SILICON EPITAXIAL TRANSISTOR FOR L-BAND LOW-POWER AMPLIFIER
October 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com