Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5336 Datasheet(PDF) 4 Page - NEC

Part # 2SC5336
Description  NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5336 Datasheet(HTML) 4 Page - NEC

  2SC5336 Datasheet HTML 1Page - NEC 2SC5336 Datasheet HTML 2Page - NEC 2SC5336 Datasheet HTML 3Page - NEC 2SC5336 Datasheet HTML 4Page - NEC 2SC5336 Datasheet HTML 5Page - NEC 2SC5336 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
2SC5336
S-PARAMETER
VCE = 10 V, IC = 20 mA
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
.519
− 74.5
30.931
131.9
.017
60.6
.752
− 30.2
200
.413
− 112.9
18.965
111.5
.031
61.9
.570
− 39.7
300
.413
− 133.4
13.324
101.9
.038
65.1
.465
− 39.8
400
.345
− 145.7
10.164
95.9
.045
69.8
.428
− 40.1
500
.331
− 153.8
8.177
91.8
.055
71.8
.436
− 41.1
600
.320
− 159.6
6.834
89.1
.064
70.9
.438
− 43.5
700
.302
− 166.8
5.832
86.7
.074
73.9
.434
− 47.5
800
.296
− 169.2
5.107
84.3
.077
74.4
.429
− 47.8
900
.283
− 173.2
4.600
83.1
.088
71.2
.436
− 46.5
1000
.285
− 179.8
4.200
82.3
.097
74.5
.455
− 47.8
1100
.265
175.2
3.930
80.8
.100
76.3
.467
− 46.8
1200
.260
174.1
3.979
78.5
.109
75.9
.529
− 47.4
1300
.263
166.0
3.741
68.6
.114
76.8
.551
− 55.8
1400
.242
163.0
3.115
66.6
.119
78.3
.509
− 55.8
1500
.252
160.1
2.844
65.7
.133
82.0
.510
− 58.5
1600
.253
154.0
2.595
64.1
.140
81.0
.496
− 55.2
1700
.253
149.9
2.420
63.7
.158
80.9
.515
− 54.8
1800
.257
147.2
2.305
63.0
.165
82.2
.518
− 56.5
1900
.262
143.0
2.171
62.6
.172
80.5
.536
− 58.6
2000
.273
141.5
2.049
61.2
.177
78.3
.524
− 61.5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com