Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5336 Datasheet(PDF) 2 Page - NEC

Part # 2SC5336
Description  NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5336 Datasheet(HTML) 2 Page - NEC

  2SC5336 Datasheet HTML 1Page - NEC 2SC5336 Datasheet HTML 2Page - NEC 2SC5336 Datasheet HTML 3Page - NEC 2SC5336 Datasheet HTML 4Page - NEC 2SC5336 Datasheet HTML 5Page - NEC 2SC5336 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
2SC5336
TYPICAL CHARACTERISTICS (TA = 25 °
°°°C)
0
50
100
150
1.0
0.3
13
5
10
20
30
0.5
1.0
2.0
3.0
5.0
0
1
3
5
10
20 30
50
100
5
10
15
10
0.5
1
5
10
20
50
100
200
50
0.3
1
0.5
1
2
3
5
10
3
5
10
20
30 50
0
0.2
10
20
0.4
0.6 0.8 1.0 1.4
2.0
TA - Ambient Temperature - ˚C
FEED BACK CAPACITANCE vs.
COLLECTOR TO BASE VOLTAGE
VCB - Collector to Base Voltage - V
INSERTION GAIN vs.
COLLECTOR CURRENT
IC - Collector Current - mA
IC - Collector Current - mA
IC - Collector Current - mA
f - Frequency - GHZ
S21e 2
MAG
VCE = 10 V
IC = 20 mA
DC CURRENT GAIN vs.
COLLECTOR CURRENT
GAIN BAND WIDTH PRODUCT vs.
COLLECTOR CURRENT
INSERTION GAIN .MAXIMUM GAIN vs.
FREQUENCY
VCE = 10 V
f = 1 GHZ
VCE = 10 V
f = 1 GHZ
f = 1.0 MHZ
VCE = 10 V
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
Free Air
Rth(j–a) 312.5 ˚C/W
Ceramic Substrate
16 cm2
× 0.7 mm
2.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com