Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5336 Datasheet(PDF) 1 Page - NEC

Part # 2SC5336
Description  NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5336 Datasheet(HTML) 1 Page - NEC

  2SC5336 Datasheet HTML 1Page - NEC 2SC5336 Datasheet HTML 2Page - NEC 2SC5336 Datasheet HTML 3Page - NEC 2SC5336 Datasheet HTML 4Page - NEC 2SC5336 Datasheet HTML 5Page - NEC 2SC5336 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRELIMINARY DATA SHEET
1996
©
Document No. P10938EJ1V0DS00 (1st edition)
Date Published April 1996 P
Printed in Japan
Silicon Transistor
2SC5336
NPN EPITAXIAL SILICON TRANSISTOR
HIGH FREQUENCY LOW DISTORTION AMPLIFIER
FEATURES
PACKAGE DIMENSIONS
•
High gain
(in millimeters)
| S21 |
2 = 12 dB TYP, @f = 1 GHz, V
CE = 10 V, Ic = 20 mA
•
New power mini-mold package version of a 4-pin type
gain-improved on the 2SC3357
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C)
Parameter
Symbol
Rating
Unit
Collector to Base Voltage
VCBO
20
V
Collector to Emitter Voltage
VCEO
12
V
Emitter to Base Voltage
VEBO
3.0
V
Collector Current
IC
100
mA
Total Power Dissipation
PT
Note1
1.2
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
–65 to +150
°C
ELECTRICAL CHARACTERISTICS (TA = 25 °
°°°C)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Collector Cutoff Current
ICB0
VCB = 10 V, IE = 0
1.0
µA
Emitter Cutoff Current
IEB0
VEB = 1 V, IC = 0
1.0
µA
DC Current Gain
hFE
VCE = 10 V, IC = 20 mA
Note2
50
120
250
Gain Bandwidth Product
fT
VCE = 10 V, IC = 20 mA
6.5
GHz
Feed-back Capacitance
Cre
VCB = 10 V, IE = 0, f = 1.0 MHz
Note3
0.5
0.8
pF
Insertion Power Gain
| S21e |
2
VCE = 10 V, IC = 20 mA, f = 1.0 GHz
12.0
dB
Noise Figure
NF
VCE = 10 V, IC = 7 mA, f = 1.0 GHz
1.1
dB
Noise Figure
NF
VCE = 10 V, IC = 40 mA, f = 1.0 GHz
1.8
3.0
dB
Notes 2. Pulse measurement : PW
≤ 350
µS, Duty Cycle ≤ 2 %
3. Mesured by a 3-terminal bridge. Emitter and Case should be connected to the guard terminal.
hFE Classification
Rank
RH
RF
RE
Marking
RH
RF
RE
hFE
50 to 100
80 to 160
125 to
250
4.5±0.1
1.6±0.2
1.5±0.1
0.42
±0.06
0.46
±0.06
3.0
1.5
0.42
±0.06
C
EB
E
PIN CONNECTIONS
E: Emitter
C: Collector
B: Base
0.25±0.02
Note 1. 0.7 mm
× 16 cm2 double sided ceramic substrate (Copper plating)


Similar Part No. - 2SC5336

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5336 RENESAS-2SC5336 Datasheet
180Kb / 10P
NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER
logo
California Eastern Labs
2SC5336 CEL-2SC5336 Datasheet
1Mb / 7P
NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER
logo
Renesas Technology Corp
2SC5336-A RENESAS-2SC5336-A Datasheet
137Kb / 2P
RF & Microwave device
2SC5336-T1 RENESAS-2SC5336-T1 Datasheet
180Kb / 10P
NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER
2SC5336 RENESAS-2SC5336_15 Datasheet
180Kb / 10P
NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER 4-PIN POWER MINIMOLD
More results

Similar Description - 2SC5336

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5337 NEC-2SC5337 Datasheet
59Kb / 8P
NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
2SC5338 NEC-2SC5338 Datasheet
71Kb / 10P
NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
NE461M02 NEC-NE461M02 Datasheet
45Kb / 5P
NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
NE856M02 NEC-NE856M02 Datasheet
63Kb / 7P
NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
logo
California Eastern Labs
NE856M02 CEL-NE856M02 Datasheet
206Kb / 8P
NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
logo
Renesas Technology Corp
2SC5336 RENESAS-2SC5336 Datasheet
180Kb / 10P
NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER
2SC5338 RENESAS-2SC5338 Datasheet
186Kb / 10P
NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER
logo
California Eastern Labs
2SC5336 CEL-2SC5336 Datasheet
1Mb / 7P
NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER
logo
FutureWafer Tech Co.,Lt...
2SC1815 FUTUREWAFER-2SC1815 Datasheet
891Kb / 7P
Low Frequency Amplifier NPN Epitaxial Silicon Transistor
27-NOV-2021 V 2.0
2SC945 FUTUREWAFER-2SC945 Datasheet
932Kb / 7P
Low Frequency Amplifier NPN Epitaxial Silicon Transistor
27-NOV-2021 V 2.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com