Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF35 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # MF35
Description  Fast Recovery Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MF35 Datasheet(HTML) 1 Page - Dynex Semiconductor

  MF35 Datasheet HTML 1Page - Dynex Semiconductor MF35 Datasheet HTML 2Page - Dynex Semiconductor MF35 Datasheet HTML 3Page - Dynex Semiconductor MF35 Datasheet HTML 4Page - Dynex Semiconductor MF35 Datasheet HTML 5Page - Dynex Semiconductor MF35 Datasheet HTML 6Page - Dynex Semiconductor MF35 Datasheet HTML 7Page - Dynex Semiconductor MF35 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MF35
1/8
APPLICATIONS
s Inverse, Parallel Or Series Connected Diode
s Power Supplies
s High Frequency Applications
FEATURES
s Glass Passivation
s High Voltage Capability
s Fast Recovery Characteristics
VOLTAGE RATINGS
KEY PARAMETERS
V
RRM
1200V
I
F(AV)
40A
I
FSM
400A
Q
r
10
µC
t
rr
0.2ns
1200
1000
800
600
MF35 - 1200
MF35 - 1000
MF35 - 800
MF35 - 600
Conditions
V
RSM
= V
RRM
+100V
Lower voltage grades available.
For stud anode add suffix 'R' to type number. e.g. MF35-1200R.
Type Number
Repetitive Peak
Reverse Voltage
V
RRM
V
Outline type code: DO5.
See Package Details for further information.
CURRENT RATINGS
Symbol
Parameter
Conditions
Units
Max.
I
F(AV)
Mean forward current
I
F(RMS)
RMS value
I
F
Continuous (direct) forward current
Half sine wave resistive load, T
case = 65
oC40
A
T
case = 65
oC63
A
T
case = 65
oC50
A
MF35
Fast Recovery Diode
Replaces March 1998 version, DS4625-3.1
DSDS4625-4.0 January 2000


Similar Part No. - MF35

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF3513-J8CATXX MITSUBISHI-MF3513-J8CATXX Datasheet
119Kb / 16P
8/16-bit Data Bus Static RAM Card
MF3513-J9CATXX MITSUBISHI-MF3513-J9CATXX Datasheet
102Kb / 14P
8/16-bit Data Bus Static RAM Card
MF3513-LCDATXX MITSUBISHI-MF3513-LCDATXX Datasheet
254Kb / 11P
8/16-bit Data Bus Static RAM Card
MF3513-LSDATXX MITSUBISHI-MF3513-LSDATXX Datasheet
254Kb / 11P
8/16-bit Data Bus Static RAM Card
MF3513-LYCATXX MITSUBISHI-MF3513-LYCATXX Datasheet
101Kb / 14P
8/16-bit Data Bus Static RAM Card
More results

Similar Description - MF35

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
ARF221 POSEICO-ARF221 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF241 POSEICO-ARF241 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF462 POSEICO-ARF462 Datasheet
105Kb / 2P
FAST RECOVERY DIODE
ARF565 POSEICO-ARF565 Datasheet
45Kb / 4P
FAST RECOVERY DIODE
ARF673 POSEICO-ARF673 Datasheet
104Kb / 2P
FAST RECOVERY DIODE
logo
Dynex Semiconductor
DF054 DYNEX-DF054 Datasheet
58Kb / 7P
Fast Recovery Diode
DF654 DYNEX-DF654 Datasheet
61Kb / 7P
Fast Recovery Diode
DSF8045SK DYNEX-DSF8045SK Datasheet
63Kb / 9P
Fast Recovery Diode
MDFB51 DYNEX-MDFB51 Datasheet
69Kb / 8P
Fast Recovery Diode
logo
Rohm
RF101L4S ROHM-RF101L4S Datasheet
116Kb / 4P
Fast recovery diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com