Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF35 Datasheet(PDF) 3 Page - Dynex Semiconductor

Part # MF35
Description  Fast Recovery Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MF35 Datasheet(HTML) 3 Page - Dynex Semiconductor

  MF35 Datasheet HTML 1Page - Dynex Semiconductor MF35 Datasheet HTML 2Page - Dynex Semiconductor MF35 Datasheet HTML 3Page - Dynex Semiconductor MF35 Datasheet HTML 4Page - Dynex Semiconductor MF35 Datasheet HTML 5Page - Dynex Semiconductor MF35 Datasheet HTML 6Page - Dynex Semiconductor MF35 Datasheet HTML 7Page - Dynex Semiconductor MF35 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MF35
3/8
CURVES
Fig.1 Maximum (limit) forward characteristics
0
1.0
2.0
3.0
Instantaneous forward voltage - (V)
0
50
100
150
200
Measured under pulse
conditions
T
j = 125˚C
T
j = 25˚C
0
400
800
1200
Rate of rise of forward current - (A/µs)
0
20
40
60
80
T
case = 25˚C
200
600
1000
95%
5%
12
3
5
410
50
Cycles at 50Hz
Duration
350
200
250
300
400
T
case = 125˚C
V
R = VRRM
Fig.3 Surge (non-repetitive) forward current vs time
Fig.4 Maximum transient thermal impedance
Fig.2 Forward recovery voltage vs rate of rise of forward
voltage
0.001
0.01
0.1
1.0
10
Time - (s)
0
0.25
0.50
0.75
1.00
d.c.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com