Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF35 Datasheet(PDF) 4 Page - Dynex Semiconductor

Part # MF35
Description  Fast Recovery Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MF35 Datasheet(HTML) 4 Page - Dynex Semiconductor

  MF35 Datasheet HTML 1Page - Dynex Semiconductor MF35 Datasheet HTML 2Page - Dynex Semiconductor MF35 Datasheet HTML 3Page - Dynex Semiconductor MF35 Datasheet HTML 4Page - Dynex Semiconductor MF35 Datasheet HTML 5Page - Dynex Semiconductor MF35 Datasheet HTML 6Page - Dynex Semiconductor MF35 Datasheet HTML 7Page - Dynex Semiconductor MF35 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MF35
4/8
Fig.5 Recovery time vs dI
R
/dt
Fig.6 Peak reverse current vs dI
R
/dt
200
400
600
800
1000
1200
1
10
100
1000
Rate of rise of reverse current - (A/µs)
I
F = 100A
I
F = 50A
I
F = 10A
T
case = 125˚C (No snubber)
Fig.7 Recovered charge vs dI
R
/dt
0
10
20
30
40
50
60
1
10
100
1000
Rate of change of reverse current - (A/µs)
I
F = 100A
I
F = 50A
I
F = 10A
T
case = 125˚C (No snubber)
0
2
10
6
8
20
4
1
10
100
1000
Rate of change of reverse current - (A/µs)
18
16
14
12
I
F = 100A
I
F = 50A
I
F = 10A
T
case = 125˚C (No snubber)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com