Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5408 Datasheet(PDF) 3 Page - NEC

Part # 2SC5408
Description  NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE HIGH-GAIN AMPLIFICATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5408 Datasheet(HTML) 3 Page - NEC

  2SC5408 Datasheet HTML 1Page - NEC 2SC5408 Datasheet HTML 2Page - NEC 2SC5408 Datasheet HTML 3Page - NEC 2SC5408 Datasheet HTML 4Page - NEC 2SC5408 Datasheet HTML 5Page - NEC 2SC5408 Datasheet HTML 6Page - NEC 2SC5408 Datasheet HTML 7Page - NEC 2SC5408 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2SC5408
3
20
10
0
4
3
2
1
0
0.3
18
16
14
12
10
8
6
4
2
0
0.2
0.1
0
40
30
20
10
0
1
10
100
1
10
100
110
0.1
0.5
1.0
2.0
2.6
100
1
10
100
IC - Collector Current - mA
IC - Collector Current - mA
VCB - Collector to Base Voltage - V
IC - Collector Current - mA
|S21e|2 vs. IC characteristics
fT vs. IC characteristics
NF vs. IC characteristics
Cre vs. VCB
|S21e|2 vs. f characteristics
f - Frequency - GHz
VCE = 2 V
f = 2 GHz
VCE = 2 V
f = 2 GHz
VCE = 2 V
f = 2 GHz
f = 1 MHz
VCE = 2 V
IC = 7 mA
IC = 1 mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com