Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5408 Datasheet(PDF) 2 Page - NEC

Part # 2SC5408
Description  NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE HIGH-GAIN AMPLIFICATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5408 Datasheet(HTML) 2 Page - NEC

  2SC5408 Datasheet HTML 1Page - NEC 2SC5408 Datasheet HTML 2Page - NEC 2SC5408 Datasheet HTML 3Page - NEC 2SC5408 Datasheet HTML 4Page - NEC 2SC5408 Datasheet HTML 5Page - NEC 2SC5408 Datasheet HTML 6Page - NEC 2SC5408 Datasheet HTML 7Page - NEC 2SC5408 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2SC5408
2
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB = 5 V, IE = 0
0.1
µA
Emitter Cut-off Current
IEBO
VEB = 1 V, IC = 0
0.1
µA
DC Current Gain
hFE
VCE = 2 V, IC = 7 mA Note 1
70
140
Gain Bandwidth Product
fT
VCE = 2 V, IC = 7 mA, f = 2.0 GHz
17
GHz
Feed-back Capacitance
Cre
VCB = 2 V, IE = 0, f = 1 MHz Note 2
0.1
0.15
pF
Insertion Power Gain
|S21e|2
VCE = 2 V, IC = 7 mA, f = 2.0 GHz
13
15.5
dB
Noise Figure
NF
VCE = 2 V, IC = 1 mA, f = 2.0 GHz
1.1
1.8
dB
Rank
FB
Marking
T1E
hFE
70 to 40
Notes 1. Pulse measurement PW
≤ 350
µs, duty cycle ≤ 2 %, pulsed
2. Measured with three-pin bridge, with emitter pin connected to the bridge guard.
TYPICAL CHARACTERISTICS (TA = 25
°C)
200
100
0
25
20
200
A
180
A
160
A
140
A
120
A
100
A
80
A
60
A
40
A
15
10
5
0
50
1.0
2.0
3.0
100
150
50
40
30
20
10
0
0.5
1.0
TA - Ambient Temperature - °C
30 mW
TOTAL POWER DISSIPATION
vs. AMBIENT TEMPERATURE
COLLECTOR CURRENT
vs. BASE TO EMITTER VOLTAGE
COLLECTOR CURRENT
vs. COLLECTOR TO EMITTER VOLTAGE
VBE - Base to Emitter Voltage - V
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
VCE - Collector to Emitter Voltage - V
VCE = 2 V
IB = 20
A
1
500
100
50
20
10
200
2
5
10
20
50
100
DC CURRENT GAIN vs.
COLLECTOR CURRENT
IC - Collector Current - mA
VCE = 1 V
VCE = 2 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com