Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5408 Datasheet(PDF) 4 Page - NEC

Part # 2SC5408
Description  NPN EPITAXIAL SILICON TRANSISTOR FOR MICROWAVE HIGH-GAIN AMPLIFICATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5408 Datasheet(HTML) 4 Page - NEC

  2SC5408 Datasheet HTML 1Page - NEC 2SC5408 Datasheet HTML 2Page - NEC 2SC5408 Datasheet HTML 3Page - NEC 2SC5408 Datasheet HTML 4Page - NEC 2SC5408 Datasheet HTML 5Page - NEC 2SC5408 Datasheet HTML 6Page - NEC 2SC5408 Datasheet HTML 7Page - NEC 2SC5408 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SC5408
4
S PARAMETER
VCE = 2 V IC = 1 mA
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.000
0.969
–4.1
3.345
174.9
0.006
84.6
0.991
–3.2
200.000
0.967
–8.2
3.287
170.3
0.012
82.8
0.993
–6.8
300.000
0.959
–12.3
3.334
165.9
0.018
79.0
0.990
–10.0
400.000
0.952
–16.6
3.361
161.4
0.024
75.8
0.990
–13.6
500.000
0.943
–20.8
3.280
156.3
0.031
71.8
0.980
–17.3
600.000
0.931
–25.2
3.307
151.2
0.036
68.4
0.971
–20.8
700.000
0.919
–29.5
3.286
146.9
0.042
64.5
0.963
–24.2
800.000
0.903
–34.1
3.278
141.6
0.047
61.0
0.952
–28.1
900.000
0.883
–38.6
3.268
136.4
0.052
57.0
0.940
–31.6
1 000.000
0.865
–42.9
3.226
132.3
0.057
53.4
0.927
–35.3
1 100.000
0.842
–47.4
3.197
127.4
0.060
49.9
0.913
–38.8
1 200.000
0.817
–51 9
3.175
122.4
0.065
46.0
0.901
–42.6
1 300.000
0.796
–56.6
3.127
118.2
0.067
42.8
0.885
–46.2
1 400.000
0.774
–61.3
3.077
113.1
0.070
39.4
0.863
–49.6
1 500.000
0.748
–66.2
3.059
108.5
0.072
36.6
0.852
–53.2
1 600.000
0.725
–71.1
3.047
103.9
0.073
33.5
0.836
–56.8
1 700.000
0.702
–76.1
2.978
99.4
0.074
30.8
0.824
–60.0
1 800.000
0.678
–81.1
2.920
95.4
0.075
28.1
0.808
–64.0
1 900.000
0.653
–86.3
2.920
90.5
0.074
25.7
0.794
–67.2
2 000.000
0.633
–91.5
2.856
86.3
0.074
23.5
0.780
–70.8
2 100.000
0.611
–97.3
2.834
82.0
0.074
21.1
0.771
–74.1
2 200.000
0.591
–102.9
2.795
77.6
0.073
19.0
0.756
–77.6
2 300.000
0.571
–108.8
2.751
73.0
0.072
16.9
0.748
–81.4
2 400.000
0.554
–114.9
2.713
68.6
0.071
15.0
0.744
–85.0
2 500.000
0.535
–120.7
2.656
64.2
0.068
13.6
0.733
–88.5
2 600.000
0.520
–127.0
2.619
59.7
0.065
12.7
0.727
–91.6
VCE = 2 V IC = 7 mA
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.000
0.828
–9.4
15.424
169.5
0.005
82.0
0.969
–5.9
200.000
0.806
–18.5
14.864
160.4
0.011
77.6
0.951
–11.9
300.000
0.765
–27.2
14.467
151.7
0.016
72.4
0.920
–17.2
400.000
0.722
–35.7
13.904
143.2
0.020
67.5
0.892
–22.0
500.000
0.675
–43.3
12.879
135.6
0.024
62.8
0.846
–26.7
600.000
0.625
–50.8
12.259
127.9
0.028
59.6
0.809
–30.5
700.000
0.575
–57.8
11.555
121.5
0.030
56.6
0.772
–33.9
800.000
0.527
–64.6
10.806
115.1
0.033
54.4
0.738
–37.6
900.000
0.481
–70.9
10.151
109.2
0.035
52.6
0.708
–40.2
1 000.000
0.439
–77.0
9.573
104.2
0.037
51.0
0.678
–42.9
1 100.000
0.400
–82.9
8.988
99.2
0.038
50.0
0.650
–45.4
1 200.000
0.364
–89.1
8.510
94.4
0.039
49.3
0.628
–47.9
1 300.000
0.335
–95.3
8.017
90.2
0.041
48.9
0.611
–50.3
1 400.000
0.309
–101.6
7.572
85.8
0.042
48.9
0.589
–52.4
1 500.000
0.284
–108.2
7.203
82.0
0.043
48.7
0.575
–54.8
1 600.000
0.264
–115.1
6.876
78.1
0.044
49.5
0.563
–57.4
1 700.000
0.249
–122.5
6.569
74.1
0.046
49.4
0.553
–59.5
1 800.000
0.239
–129.9
6.225
70.9
0.047
50.1
0.541
–62.4
1 900.000
0.226
–138.1
6.019
67.4
0.048
50.8
0.532
–64.7
2 000.000
0.222
–145.1
5.728
63.8
0.050
50.9
0.525
–68.0
2 100.000
0.220
–154.2
5.541
60.6
0.052
51.9
0.519
–70.5
2 200.000
0.220
–161.9
5.326
57.0
0.054
52.3
0.511
–73.1
2 300.000
0.223
–169.9
5.112
53.7
0.056
52.5
0.511
–76.3
2 400.000
0.230
–176.7
4.951
50.6
0.059
53.1
0.510
–79.8
2 500.000
0.235
176.3
4.761
47.3
0.062
53.1
0.510
–83.1
2 600.000
0.245
169.7
4.602
43.9
0.065
53.0
0.513
–86.4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com