Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5431 Datasheet(PDF) 4 Page - NEC

Part # 2SC5431
Description  NPN EPITAXIAL SILICON TRANSISTOR FOR UHF TUNER OSC/MIX
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5431 Datasheet(HTML) 4 Page - NEC

  2SC5431 Datasheet HTML 1Page - NEC 2SC5431 Datasheet HTML 2Page - NEC 2SC5431 Datasheet HTML 3Page - NEC 2SC5431 Datasheet HTML 4Page - NEC 2SC5431 Datasheet HTML 5Page - NEC 2SC5431 Datasheet HTML 6Page - NEC 2SC5431 Datasheet HTML 7Page - NEC 2SC5431 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SC5431
4
Preliminary Data Sheet
2SC5431
S PARAMETER
VCE = 5.0 V IC = 5.0 mA, Z0 = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.675
–66.0
10.641
135.2
0.052
57.8
0.786
–29.4
400.00
0.550
–108.8
7.098
111.6
0.074
46.8
0.546
–41.0
600.00
0.513
–133.2
5.218
96.6
0.088
45.0
0.428
–47.0
800.00
0.489
–149.5
4.145
88.0
0.097
45.5
0.377
–50.1
1000.00
0.487
–162.2
3.458
81.6
0.108
47.9
0.345
–50.9
1200.00
0.501
–170.9
2.973
75.0
0.119
50.1
0.316
–51.8
1400.00
0.508
–176.5
2.566
69.0
0.133
52.1
0.290
–54.8
1600.00
0.498
177.3
2.279
64.7
0.143
55.0
0.269
–59.4
1800.00
0.502
169.8
2.018
60.4
0.153
56.4
0.257
–65.0
2000.00
0.524
164.0
1.800
56.0
0.162
56.5
0.246
–71.1
2200.00
0.545
160.2
1.645
50.1
0.176
55.6
0.233
–78.4
2400.00
0.560
156.9
1.559
45.5
0.191
55.4
0.229
–88.3
2600.00
0.571
153.6
1.475
43.0
0.210
56.1
0.236
–97.3
2800.00
0.585
150.5
1.337
39.9
0.222
57.1
0.239
–104.3
3000.00
0.602
148.5
1.246
35.4
0.226
57.1
0.240
–110.6
VCE = 5.0 V IC = 3.0 mA, Z0 = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.723
–49.7
7.443
139.6
0.057
60.0
0.839
–24.0
400.00
0.525
–86.6
5.234
115.4
0.082
45.9
0.617
–35.2
600.00
0.444
–111.6
3.929
99.6
0.094
41.3
0.501
–41.5
800.00
0.390
–129.2
3.168
90.6
0.098
39.8
0.452
–45.1
1000.00
0.362
–144.4
2.663
84.0
0.106
40.3
0.424
–46.4
1200.00
0.359
–156.6
2.247
77.1
0.115
42.2
0.397
–47.3
1400.00
0.362
–164.8
1.987
70.4
0.124
45.5
0.372
–50.3
1600.00
0.354
–172.8
1.784
66.0
0.131
49.1
0.349
–54.8
1800.00
0.356
178.2
1.589
61.6
0.138
52.4
0.338
–60.2
2000.00
0.374
170.5
1.426
57.1
0.144
53.2
0.328
–65.8
2200.00
0.397
165.6
1.316
51.3
0.155
54.2
0.315
–72.5
2400.00
0.414
162.0
1.253
46.8
0.169
55.1
0.310
–81.4
2600.00
0.429
158.2
1.186
44.2
0.185
56.6
0.320
–89.7
2800.00
0.446
154.8
1.083
41.4
0.196
58.6
0.329
–96.2
3000.00
0.465
152.3
1.018
36.2
0.204
59.2
0.331
–102.7
VCE = 5.0 V, IC = 1.0 mA, Z0 = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.886
–32.7
3.235
150.8
0.066
66.7
0.948
–12.9
400.00
0.711
–62.0
2.597
127.7
0.109
49.9
0.821
–22.2
600.00
0.616
–86.9
2.130
109.4
0.131
39.3
0.722
–30.2
800.00
0.538
–104.5
1.844
97.1
0.139
32.5
0.682
–36.4
1000.00
0.481
–120.1
1.577
87.9
0.145
27.7
0.666
–39.6
1200.00
0.448
–134.2
1.362
79.1
0.148
26.0
0.639
–41.9
1400.00
0.437
–145.2
1.222
70.8
0.148
27.7
0.611
–45.7
1600.00
0.421
–154.8
1.116
64.9
0.144
29.8
0.584
–50.7
1800.00
0.407
–165.5
1.008
59.5
0.138
32.6
0.574
–56.6
2000.00
0.417
–175.6
0.915
54.3
0.135
34.1
0.566
–62.5
2200.00
0.439
177.1
0.849
47.8
0.138
37.8
0.550
–69.0
2400.00
0.455
172.0
0.812
43.3
0.143
42.2
0.542
–77.8
2600.00
0.466
167.2
0.768
40.5
0.152
47.0
0.558
–86.0
2800.00
0.480
162.4
0.701
37.4
0.159
51.8
0.573
–92.3
3000.00
0.499
158.8
0.661
32.5
0.167
55.6
0.566
–98.7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com