Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5431 Datasheet(PDF) 2 Page - NEC

Part # 2SC5431
Description  NPN EPITAXIAL SILICON TRANSISTOR FOR UHF TUNER OSC/MIX
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5431 Datasheet(HTML) 2 Page - NEC

  2SC5431 Datasheet HTML 1Page - NEC 2SC5431 Datasheet HTML 2Page - NEC 2SC5431 Datasheet HTML 3Page - NEC 2SC5431 Datasheet HTML 4Page - NEC 2SC5431 Datasheet HTML 5Page - NEC 2SC5431 Datasheet HTML 6Page - NEC 2SC5431 Datasheet HTML 7Page - NEC 2SC5431 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2SC5431
2
Preliminary Data Sheet
hFE CLASSIFICATION
RANK
EB
FB
Marking
TA
TB
hFE
60 to 90
80 to 120
TYPICAL CHARACTERISTICS (TA = 25
°C)
150
100
50
0
50
100
150
TA - Ambient Temperature - °C
TOTAL POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Free Air
200
150
IC - Collector Current - mA
DC CURRENT GAIN vs. COLLECTOR CURRENT
100
50
20
10
0.5
2
5
10
20
VCE = 5 V
24
16
8
0
0.2
1.0
VBE - DC Base Voltage - V
COLLECTOR CURRENT vs. DC BASE VOLTAGE
100
IC - Collector Current - mA
GAIN BANDWIDTH PRODUCT
vs. COLLECTOR CURRENT
110
0.4
0.6
0.8
VCE = 5 V
VCE = 5 V
f = 1 GHz
0
1
2
3
4
5
6
7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com