Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5431 Datasheet(PDF) 1 Page - NEC

Part # 2SC5431
Description  NPN EPITAXIAL SILICON TRANSISTOR FOR UHF TUNER OSC/MIX
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5431 Datasheet(HTML) 1 Page - NEC

  2SC5431 Datasheet HTML 1Page - NEC 2SC5431 Datasheet HTML 2Page - NEC 2SC5431 Datasheet HTML 3Page - NEC 2SC5431 Datasheet HTML 4Page - NEC 2SC5431 Datasheet HTML 5Page - NEC 2SC5431 Datasheet HTML 6Page - NEC 2SC5431 Datasheet HTML 7Page - NEC 2SC5431 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©
1998
PRELIMINARY DATA SHEET
FEATURE
•
Ultra super mini-mold thin flat package
(1.4 mm
× 0.8 mm × 0.59 mm: TYP.)
•
Contains same chip as 2SC5004
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
PARAMETER
SYMBOL
RATING
UNIT
Collector to Base Voltage
VCBO
20
V
Collector to Emitter Voltage
VCEO
12
V
Emitter to Base Voltage
VEBO
3V
Collector Current
IC
60
mA
Total Power Dissipation
PT
100
mW
Junction Temperature
Tj
125
°C
Storage Temperature
Tstg
–65 to +125
°C
SILICON TRANSISTOR
2SC5431
NPN EPITAXIAL SILICON TRANSISTOR
FOR UHF TUNER OSC/MIX
Document No. P13075EJ1V0DS00 (1st edition)
Date Published February 1998 N CP(K)
Printed in Japan
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB = 15 V, IE = 0
100
nA
Emitter Cut-off Current
IEBO
VEB = 1 V, IC = 0
100
nA
Collector to Emitter Saturation
VCE (sat)
hFE = 10, IC = 5 mA
0.5
V
Voltage
DC Current Gain
hFE
VCE = 5 V, IC = 5 mANote 1
60
120
Gain Bandwidth Product
fT
VCE = 5 V, IC = 5 mA, f = 1 GHz
3.0
4.3
GHz
Reverse Transfer Capacitance
Cre
VCB = 5 V, IE = 0, f = 1 MHzNote 2
0.6
1.2
pF
Insertion Power Gain
|S21e|2
VCE = 5 V, IC = 5 mA, f = 1 GHz
5.0
dB
Notes 1. Pulse measurement PW
≤ 350
µs, duty cycle ≤ 2 %
2. Collector to base capacitance measured by capacitance meter (automatic balance bridge method) when
emitter pin is connected to the guard pin.
Because this product uses high-frequency process, avoid excessive input of static electricity, etc.
PACKAGE DIMENSIONS (in mm)
1.4 ± 0.05
0.8 ± 0.1
1
3
2
PIN CONNECTIONS
1: Emitter
2: Base
3: Collector
The information in this document is subject to change without notice.


Similar Part No. - 2SC5431

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5431 RENESAS-2SC5431 Datasheet
214Kb / 11P
NPN SILICON RF TRANSISTOR
2002
More results

Similar Description - 2SC5431

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4183 NEC-2SC4183 Datasheet
44Kb / 6P
RF AMPLIFIER FOR UHF TV TUNER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4568 NEC-2SC4568 Datasheet
51Kb / 8P
NPN SILICON EPITAXIAL TRANSISTOR UHF TV TUNER OSC/MIXER
2SC4569 NEC-2SC4569 Datasheet
51Kb / 8P
UHF TV TUNER OSC/MIXER NPN SILICON EPITAXIAL TRANSISTOR
logo
NTE Electronics
NTE107 NTE-NTE107 Datasheet
21Kb / 2P
Silicon NPN Transistor UHF Oscillator for Tuner
NTE161 NTE-NTE161 Datasheet
24Kb / 2P
Silicon NPN Transistor VHF-UHF Amplifier, Mixer/Osc
logo
Samsung semiconductor
KSC2734 SAMSUNG-KSC2734 Datasheet
93Kb / 3P
NPN (MIXER, OSC. FOR UHF TV TUNER)
logo
Sony Corporation
CXA3275Q SONY-CXA3275Q Datasheet
201Kb / 22P
PLL/OSC/MIX IC for Digital Tuner
logo
New Jersey Semi-Conduct...
2SC313 NJSEMI-2SC313 Datasheet
203Kb / 2P
Silicon NPN Transistor VHF-UHF Amplifier, Mixer/Osc
2SC313 NJSEMI-2SC313 Datasheet
203Kb / 2P
SILICON NPN TRANSISTOR VHF-UHF AMPLIFIER, MIXER/OSC
logo
SEMTECH ELECTRONICS LTD...
2SC1675 SEMTECH_ELEC-2SC1675 Datasheet
478Kb / 3P
NPN Silicon Epitaxial Planar Transistor FM/AM RF AMP, MIX, CONV, OSC, IF
19/12/2003
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com