Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP04DD810 Datasheet(PDF) 2 Page - Dynex Semiconductor

Part # MP04DD810
Description  Dual Rectifier Diode Water Cooled Module Preliminary Information
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MP04DD810 Datasheet(HTML) 2 Page - Dynex Semiconductor

  MP04DD810 Datasheet HTML 1Page - Dynex Semiconductor MP04DD810 Datasheet HTML 2Page - Dynex Semiconductor MP04DD810 Datasheet HTML 3Page - Dynex Semiconductor MP04DD810 Datasheet HTML 4Page - Dynex Semiconductor MP04DD810 Datasheet HTML 5Page - Dynex Semiconductor MP04DD810 Datasheet HTML 6Page - Dynex Semiconductor MP04DD810 Datasheet HTML 7Page - Dynex Semiconductor MP04DD810 Datasheet HTML 8Page - Dynex Semiconductor MP04DD810 Datasheet HTML 9Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2/9
www.dynexsemi.com
MP04DD810
Half wave resistive load
THERMAL AND MECHANICAL DATA
dc, 4.5 Ltr/min
Conditions
Min.
Max.
Units
oC/W
-
0.106
Halfwave, 4.5 Ltr/min
T
vj
Virtual junction temperature
T
stg
Storage temperature range
-
Thermal resistance - junction to water
(per diode)
R
th(j-w)
Symbol
Parameter
Screw torque
6 (53)
-
Nm (lb.ins)
–40
150
oC
Reverse (blocking)
-
150
oC
3 Phase, 4.5 Ltr/min
-
0.112
oC/W
-
0.102
oC/W
Symbol
Parameter
Conditions
I
F(AV)
Mean forward current
I
F(RMS)
RMS value
Units
Max.
885
A
T
water (in) = 40
oC
812
A
T
water (in) = 25
oC, 4.5 Ltr/min
1392
A
T
water (in) = 40
oC, 4.5 Ltr/min
1276
A
ABSOLUTE MAXIMUM RATINGS - PER ARM
Stresses above those listed under 'Absolute Maximum Ratings' may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this
specification is not implied. Exposure to Absolute Maximum Ratings for extended periods may affect device reliability.
T
water (in) = 25
oC
10ms half sine; T
j = 150
oC
V
R = 0
10ms half sine; T
j = 150
oC
V
R = 50% VRRM
I
FSM
Surge (non-repetitive) forward current
I
2tI2t for fusing
I
FSM
Surge (non-repetitive) forward current
I
2t
I
2t for fusing
1.28 x 10
6
A
2s
16
kA
2.0 x 106
A2s
20
kA
V
isol
Isolation voltage
3000
V
Commoned terminals to base plate AC RMS, 1 min, 50Hz
Mounting - M6
-
-
12 (106) Nm (lb.ins)
Electrical connections - M10
-
Refer to
Drawing
g
-
-
Weight (nominal)
4.5 Ltr/min



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com