Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP04DD810 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # MP04DD810
Description  Dual Rectifier Diode Water Cooled Module Preliminary Information
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MP04DD810 Datasheet(HTML) 1 Page - Dynex Semiconductor

  MP04DD810 Datasheet HTML 1Page - Dynex Semiconductor MP04DD810 Datasheet HTML 2Page - Dynex Semiconductor MP04DD810 Datasheet HTML 3Page - Dynex Semiconductor MP04DD810 Datasheet HTML 4Page - Dynex Semiconductor MP04DD810 Datasheet HTML 5Page - Dynex Semiconductor MP04DD810 Datasheet HTML 6Page - Dynex Semiconductor MP04DD810 Datasheet HTML 7Page - Dynex Semiconductor MP04DD810 Datasheet HTML 8Page - Dynex Semiconductor MP04DD810 Datasheet HTML 9Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
www.dynexsemi.com
MP04DD810
FEATURES
s Dual Device Module
s Electrically Isolated Package
s Pressure Contact Construction
s International Standard Footprint
s Alumina (Non-toxic) Isolation Medium
APPLICATIONS
s Power Supplies
s Large IGBT Circuit 'Front Ends'
s Rectifiers
s Battery Chargers
VOLTAGE RATINGS
KEY PARAMETERS
V
RRM
3000V
I
F(AV)
812A
I
FSM (per arm)
20000A
I
F(RMS)
1276A
V
isol
3000V
3000
2800
2600
2400
MP04DD810-30
MP04DD810-28
MP04DD810-26
MP04DD810-24
Conditions
T
vj = –40˚ to 150˚C,
V
RSM = VRRM + 100V
Lower voltage grades available
Type Number
Repetitive Peak
Voltages
V
DRM VRRM
V
Fig.1 DD circuit configuration
ORDERING INFORMATION
Order As:
MP04DD810-XX-W2
1/4 - 18 NPT connection
MP04DD810-XX-W3
1/4 - 18 NPT connection
MP04DD810-XX-W3A
1/4 - 18 NPT water connection
thread
XX shown in the part number about represents V
DRM/100
selection required, eg. MP04DD810-28-W2
Note: When ordering, please use the complete part number.
Please quote full part number in all correspondance.
1
2
3
MP04DD810
Dual Rectifier Diode Water Cooled Module
Preliminary Information
DS5286-2.1 June 2001
Fig. 2 Module package variants - (not to scale)
Module outline type code: MP04-W2
(See Package Details for further information)
Module outline type code:
MP04-W3
Module outline type code:
MP04-W3A


Similar Part No. - MP04DD810

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
MP04 CHENG-YI-MP04 Datasheet
156Kb / 2P
15/25/35 AMPS. SILICON BRIDGE RECTIFIERS
MP04 CHENG-YI-MP04 Datasheet
154Kb / 2P
15/25/35 AMPS. SILICON BRIDGE RECTIFIERS
logo
CTS Corporation
MP040 CTS-MP040 Datasheet
133Kb / 5P
Quartz Crystal
logo
Golledge Electronics Lt...
MP04015 GOLLEDGE-MP04015 Datasheet
156Kb / 5P
SAW Filter 1560.0MHz
MP04018 GOLLEDGE-MP04018 Datasheet
110Kb / 7P
SAW Filter 879.0MHz
More results

Similar Description - MP04DD810

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MP02TT200 DYNEX-MP02TT200 Datasheet
127Kb / 9P
Dual Thyristor Water Cooled Module Preliminary Information
MP02TT800 DYNEX-MP02TT800 Datasheet
136Kb / 8P
Dual Thyristor Water Cooled Welding Module Preliminary Information
MP03TT1250 DYNEX-MP03TT1250 Datasheet
141Kb / 9P
Dual Thyristor Water Cooled Welding Module Preliminary Information
MP03TT300 DYNEX-MP03TT300 Datasheet
148Kb / 10P
Dual Thyristor Water Cooled Module Preliminary Information
MP03TT580 DYNEX-MP03TT580 Datasheet
139Kb / 9P
Dual Thyristor Water Cooled Welding Module Preliminary Information
MP04HB910 DYNEX-MP04HB910 Datasheet
153Kb / 7P
Dual Rectifier Diode Module Preliminary Information
MP04TT1400 DYNEX-MP04TT1400 Datasheet
188Kb / 10P
Dual Thyristor Water Cooled Welding Module Preliminary Information
MP04TT1550 DYNEX-MP04TT1550 Datasheet
186Kb / 10P
Dual Thyristor Water Cooled Welding Module Preliminary Information
MP04TT500 DYNEX-MP04TT500 Datasheet
292Kb / 10P
Dual Thyristor Water Cooled Module Advance Information
MP04TT600 DYNEX-MP04TT600 Datasheet
264Kb / 10P
Dual Thyristor Water Cooled Module Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com