Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP04DD810 Datasheet(PDF) 3 Page - Dynex Semiconductor

Part # MP04DD810
Description  Dual Rectifier Diode Water Cooled Module Preliminary Information
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MP04DD810 Datasheet(HTML) 3 Page - Dynex Semiconductor

  MP04DD810 Datasheet HTML 1Page - Dynex Semiconductor MP04DD810 Datasheet HTML 2Page - Dynex Semiconductor MP04DD810 Datasheet HTML 3Page - Dynex Semiconductor MP04DD810 Datasheet HTML 4Page - Dynex Semiconductor MP04DD810 Datasheet HTML 5Page - Dynex Semiconductor MP04DD810 Datasheet HTML 6Page - Dynex Semiconductor MP04DD810 Datasheet HTML 7Page - Dynex Semiconductor MP04DD810 Datasheet HTML 8Page - Dynex Semiconductor MP04DD810 Datasheet HTML 9Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
www.dynexsemi.com
MP04DD810
Note 1:
The data given in this datasheet with regard to forward voltage drop is the for the calculation of the power dissipation in
the semiconductor elements only. Forward voltage drops measured at the power terminals will be in excess of these figures due to
the impedance of the busbars from the terminals to the semiconductor.
CHARACTERISTICS
Peak reverse current
Parameter
µC
1600
At T
vj = 150˚C
-
Q
S
Total stored charge
I
F = 1000A, dIRR/dt = 3A/µs
T
case = 150˚C, VR = 100V
Symbol
I
RRM
I
RR
Peak recovery current
V
TO
Threshold voltage. See Note 1.
r
T
Slope resistance. See Note 1.
0.29
m
Ω
At T
vj = 150˚C
-
0.7
V
-85
A
-
At V
RRM, Tcase = 150
oC-
50
mA
Conditions
Min.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com