Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB970F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MB970F
Description  iSMART - for EuP/ErP power saving
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MB970F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MB970F Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1-33
Remarks: 1. Specifications are subject to change without prior notice.
2. ODM/OEM is available.
3. For user’s manual & datasheet download, visit www.ibase.com.tw.
Dimensions Drawing
LGA1155 3rd Generation Intel® Core™ i7/i5/i3/Pentium
ATX motherboard w/ Intel® Q77 PCH
MB970
Features
● 3rd Generation Intel® CoreTM i7/i5/i3/ Pentium®
QC/ DC processors, up to 3.4GHz
● 4x DDR3 DIMM, Max. 32GB
● iSMART - for EuP/ErP power saving,
auto- scheduler and power resume
● Intel® Processor integrated graphics,
supports DVI-I,DVI-D and DisplayPort
● Dual Intel® Gigabit LAN
● Up to 10x USB 2.0, 4x USB 3.0, 4x COM,
4x SATA II+2x SATA III (MB970VF)
5x SATA II+1x SATA III (MB970F)
● 1x ISA, 3x PCI, 1x PCI-E(x16), 3x PCI-E(x1)
● Watchdog timer, Digital I/O, iAMT (8.0), vPro
System
CPU
LGA1155 for 3rd Generation Intel® CoreTM i7/i5/i3/
Pentium® QC/ DC processors, up to 3.4GHz
System Memory
4x DDR3 DIMM, Max. 32GB (Non-ECC)
System Chipset
Intel® Q77 PCH(MB970VF)
Intel® B75 PCH(MB970F)
BIOS
AMI
Watchdog Timer
256 levels
SSD
CFast
H/W Monitor
Yes
Expansion Slots
1x ISA, 3x PCI, 1x PCI-E(x16), 3x PCI-E(x1)
Graphics
VGA Controller
3rd Generation Intel® CoreTM i7/i5/i3/ Pentium®
processor integrated
VGA Memory
Max. Shared Memory - 1024 MB
Display Interface
Supports DVI-I, DVI-D and DisplayPort
LAN
Controller
Intel® 82579LM(MB970VF)or 82579V(MB970F)
Gigabit LAN PHY
Intel® 82583V PCI-E Gigabit LAN
Connector
RJ-45 on board
Multi I/O
I/O Chipset
Fintek F81846AD-I
3x RS232, 1x RS232/422/485, 4x SATA II, 2x SATA III
(MB970VF), 5x SATA II, 1x SATA III (MB970F)
USB
2 ports on board, 2 ports via boxheader (USB 3.0)
MB970VF:
4 ports on board, 6 ports via pinheader (USB 2.0)
MB970F:
4 ports on board, 4 ports via pinheader (USB 2.0)
Audio
Intel® Q77/B75 PCH built-in HD audio + Realtek
ALC892 codec
Others
MB970VF:
Digital I/O(4-in/4-out), RAID, TPM (1.2)
MB970F:
Digital I/O(4-in/4-out), EuP/ErP support
Mechanical and Environmental
Dimensions
305mm x 244mm (12“ x 9.6“)
Max. Power
Requirement
Intel® Core™ i7-3770 3.4GHz w/ 2x 2GB DDR3-1333
+12V:1.40A
+5V:3.16A
+3.3V:1.68A
+5VSB:0.39A
Operating
Temperature
0°C~60°C (32°F~140°F)
Storage
Temperature
-20°C~80°C (-4°F~176°F)
Relative
Humidity
10%~90% (non-condensing)
Ordering Information
MB970VF
LGA1155 Q77 ATX Motherboard w/ DVI-I, DVI-D,
DisplayPort, dual Gigabit LAN, RAID, iAMT (8.0),
TPM(1.2), vPro, iSMART
MB970F
LGA1155 B75 ATX Motherboard w/ DVI-I, DVI-D,
DisplayPort, dual Gigabit LAN, RAID, EuP/ErP
compliant, iSMART
PCI Slots
ISA
PCI-E(x16)
PCI-E(x1)
ATX Power
DDR3 DIMM
Sockets
SATA II
CFast
*This image is for MB970VF
SATA III
Intel® Q77
Chipset
10
USB(2.0)
4
COM
2
SATA III
4
USB(3.0)
4
SATA II
2
GbE LAN
LGA1155 CPU
Socket
ATX Motherboard
COM1/2
Audio
Dual GbE
USB (3.0)
USB(2.0)
DVI-D
DP
DVI-I
NEW NEW
iSMART
Fanless
iSMART
NEW
FANLESS


Similar Part No. - MB970F

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
MB9750USB-4 KNOWLES-MB9750USB-4 Datasheet
311Kb / 2P
Electrical Characteristics Test Condition (Vs= 1 . 5 V, RL= 0 . 6 8 k ohm, Ta=20째C, RH=65%)
logo
RAMXEED LIMITED
MB97R8050 RAMXEED-MB97R8050 Datasheet
1Mb / 13P
ISO/IEC 18000-6 Type-C Compliant FeRAM Embedded UHF Band RFID LSI
MB97R8050-DIAP15 RAMXEED-MB97R8050-DIAP15 Datasheet
1Mb / 13P
ISO/IEC 18000-6 Type-C Compliant FeRAM Embedded UHF Band RFID LSI
MB97R8110 RAMXEED-MB97R8110 Datasheet
1Mb / 63P
FeRAM Embedded UHF Band RFID LSI
MB97R8110-WF RAMXEED-MB97R8110-WF Datasheet
1Mb / 63P
FeRAM Embedded UHF Band RFID LSI
More results

Similar Description - MB970F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML9078-002 ETC2-ML9078-002 Datasheet
352Kb / 19P
LSI for power-saving solar power supply control
ML9078-003 ETC2-ML9078-003 Datasheet
375Kb / 20P
LSI for power-saving solar power supply control
MI961 ETC2-MI961 Datasheet
569Kb / 1P
iSMART - for EuP/ErP power saving, auto-scheduler and power resume
SI-06 ETC2-SI-06 Datasheet
452Kb / 1P
iSMART - for EuP/ErP power saving, autoscheduler and power resume
SI-08 ETC2-SI-08 Datasheet
539Kb / 1P
iSMART - for auto-scheduler and power resume
AFB100-D27 ETC2-AFB100-D27 Datasheet
1Mb / 1P
iSMART - for auto-scheduler and power resume
IB906 ETC2-IB906 Datasheet
583Kb / 1P
iSMART - for EuP/ErP power saving, auto-scheduler and power resume
IB965 ETC2-IB965 Datasheet
822Kb / 2P
24-bit dual channel LVDS iSMART - for EuP/ErP power saving,
logo
Recom International Pow...
RACD04 RECOM-RACD04 Datasheet
460Kb / 4P
low Standby Power, ErP conform
RACV04 RECOM-RACV04 Datasheet
1Mb / 4P
low Standby Power, ErP conform
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com