Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5507 Datasheet(PDF) 4 Page - NEC

Part # 2SC5507
Description  NPN SILICON RF TRANSISTOR FOR LOW CURRENT, LOW NOISE, HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN SUPER MINI-MOLD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5507 Datasheet(HTML) 4 Page - NEC

  2SC5507 Datasheet HTML 1Page - NEC 2SC5507 Datasheet HTML 2Page - NEC 2SC5507 Datasheet HTML 3Page - NEC 2SC5507 Datasheet HTML 4Page - NEC 2SC5507 Datasheet HTML 5Page - NEC 2SC5507 Datasheet HTML 6Page - NEC 2SC5507 Datasheet HTML 7Page - NEC 2SC5507 Datasheet HTML 8Page - NEC 2SC5507 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Preliminary Data Sheet P13864EJ1V0DS00
4
2SC5507
Gain Characteristics
Collector Current IC (mA)
Collector Current IC (mA)
Insertion Power Gain, Maximum Available Power Gain,
Maximum Stable Power Gain vs. Frequency
Insertion Power Gain, Maximum Stable Power Gain
vs. Collector Current
Insertion Power Gain, Maximum Available Power Gain,
Maximum Stable Power Gain vs. Collector Current
40
35
30
25
20
15
10
5
0
30
25
20
15
10
5
0
30
25
20
15
10
5
0
Frequency f (GHz)
0.1
1.0
10.0
1
10
100
1
10
100
MAG
MSG
|S21e|2
VCE = 2 V
IC = 5 mA
MSG
|S21e|2
MSG
|S21e|2
MAG
f = 2 GHz
VCE = 2 V
f = 1 GHz
VCE = 2 V
Output Characteristics
Input Power Pin (dBm)
Output Power, Collector Current vs. Input Power
10
5
0
–5
–10
–15
25
20
15
10
5
0
25
20
15
10
5
0
–30
–25
–20
–15
–10
–5
Pout
IC
f = 1 GHz
VCE = 2 V
Input Power Pin (dBm)
Output Power, Collector Current vs. Input Power
10
5
0
–5
–10
–15
–30
–25
–20
–15
–10
–5
Pout
IC
f = 2 GHz
VCE = 2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com