Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5507 Datasheet(PDF) 5 Page - NEC

Part # 2SC5507
Description  NPN SILICON RF TRANSISTOR FOR LOW CURRENT, LOW NOISE, HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN SUPER MINI-MOLD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5507 Datasheet(HTML) 5 Page - NEC

  2SC5507 Datasheet HTML 1Page - NEC 2SC5507 Datasheet HTML 2Page - NEC 2SC5507 Datasheet HTML 3Page - NEC 2SC5507 Datasheet HTML 4Page - NEC 2SC5507 Datasheet HTML 5Page - NEC 2SC5507 Datasheet HTML 6Page - NEC 2SC5507 Datasheet HTML 7Page - NEC 2SC5507 Datasheet HTML 8Page - NEC 2SC5507 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Preliminary Data Sheet P13864EJ1V0DS00
5
2SC5507
Noise Characteristics
Noise Figure, Associated Gain vs. Collector Current
Noise Figure, Associated Gain vs. Collector Current
Noise Figure, Associated Gain vs. Collector Current
Noise Figure, Associated Gain vs. Collector Current
Collector Current IC (mA)
Collector Current IC (mA)
6
5
4
3
2
1
0
Collector Current IC (mA)
Collector Current IC (mA)
1
10
100
6
5
4
3
2
1
0
30
25
20
15
10
5
0
1
10
100
1
10
100
1
10
100
Ga
f = 2.5 GHz
VCE = 2 V
NF
Ga
f = 1.5 GHz
VCE = 2 V
NF
30
25
20
15
10
5
0
6
5
4
3
2
1
0
6
5
4
3
2
1
0
30
25
20
15
10
5
0
30
25
20
15
10
5
0
Ga
f = 2.0 GHz
VCE = 2 V
NF
Ga
f = 1.0 GHz
VCE = 2 V
NF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com