Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5507 Datasheet(PDF) 2 Page - NEC

Part # 2SC5507
Description  NPN SILICON RF TRANSISTOR FOR LOW CURRENT, LOW NOISE, HIGH-GAIN AMPLIFICATION FLAT-LEAD 4-PIN THIN SUPER MINI-MOLD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5507 Datasheet(HTML) 2 Page - NEC

  2SC5507 Datasheet HTML 1Page - NEC 2SC5507 Datasheet HTML 2Page - NEC 2SC5507 Datasheet HTML 3Page - NEC 2SC5507 Datasheet HTML 4Page - NEC 2SC5507 Datasheet HTML 5Page - NEC 2SC5507 Datasheet HTML 6Page - NEC 2SC5507 Datasheet HTML 7Page - NEC 2SC5507 Datasheet HTML 8Page - NEC 2SC5507 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Preliminary Data Sheet P13864EJ1V0DS00
2
2SC5507
ELECTRICAL CHARACTERISTICS (TA = +25 °C)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
DC characteristics
Collector Cut-off Current
ICBO
VCB = 5 V, IE = 0
–
–
100
nA
Emitter Cut-off Current
IEBO
VEB = 1 V, IC = 0
–
–
100
nA
DC Current Gain
hFE
Note 1
VCE = 2 V, IC = 5 mA
50
70
100
–
RF Characteristics
Reverse Transfer Capacitance
Cre
Note 2
VCB = 2 V, IE = 0, f = 1 MHz
–
0.08
0.12
pF
Gain Bandwidth Product
fT
VCE = 3 V, IC = 10 mA, f = 2 GHz
20
25
–
GHz
Noise Figure
NF
VCE = 2 V, IC = 2 mA, f = 2 GHz, ZS = Zopt
–1.2
1.5
dB
Insertion Power Gain
|S21e|2
VCE = 2 V, IC = 5 mA, f = 2 GHz
14
17
–
dB
Maximum Stable Power Gain
MSG
Note 3
VCE = 2 V, IC = 5 mA, f = 2 GHz
–
22
–
dB
Output Power at 1 dB
Compression Point
P-1
VCE = 2 V, IC = 5 mA
Note 4, f = 2 GHz
–5
–
dBm
Output Power at Third Order
Intercept Point
OIP3
VCE = 2 V, IC = 5 mA
Note 4, f = 2 GHz
–15
–
–
Notes 1. Pulse measurement PW
≤ 350
µs, Duty cycle ≤ 2%
2. Emitter to base capacitance measured using capacitance meter (self-balancing bridge method) when
the emitter is connected to the guard pin
3.
S21
MSG =
S12
4. Collector current when P-1 is output
hFE CLASSIFICATION
Rank
FB
Marking
T78
hFE
50 to 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com