Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7805CV Datasheet(PDF) 56 Page - STMicroelectronics

Part # L7805CV
Description  Positive voltage regulator ICs
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7805CV Datasheet(HTML) 56 Page - STMicroelectronics

Back Button L7805CV Datasheet HTML 50Page - STMicroelectronics L7805CV Datasheet HTML 51Page - STMicroelectronics L7805CV Datasheet HTML 52Page - STMicroelectronics L7805CV Datasheet HTML 53Page - STMicroelectronics L7805CV Datasheet HTML 54Page - STMicroelectronics L7805CV Datasheet HTML 55Page - STMicroelectronics L7805CV Datasheet HTML 56Page - STMicroelectronics L7805CV Datasheet HTML 57Page - STMicroelectronics L7805CV Datasheet HTML 58Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 56 / 58 page
background image
Order codes
Positive voltage regulator ICs
56/58
DocID2143 Rev 32
L7815C
L7815CV
L7815CD2T-TR
L7815CP
15 V
L7815CV-DG
15 V
L7815AB
L7815ABV
L7815ABD2T-TR
15 V
L7815ABV-DG
15 V
L7815AC
L7815ACV
L7815ACD2T-TR
15 V
L7815ACV-DG
15 V
L7818C
L7818CV
18 V
L7818CV-DG
18 V
L7824C
L7824CV
L7824CD2T-TR
L7824CP
24 V
L7824CV-DG
24 V
L7824AB
L7824ABV
24 V
L7824ABV-DG
24 V
L7824AC
L7824ACV
24 V
L7824ACV-DG
24 V
Table 26. Order codes (continued)
Part
numbers
Order codes
TO-220
(single gauge)
TO-220
(dual gauge)
DPAK
D²PAK
TO-220FP
Output
voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com