Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7805CV Datasheet(PDF) 57 Page - STMicroelectronics

Part # L7805CV
Description  Positive voltage regulator ICs
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7805CV Datasheet(HTML) 57 Page - STMicroelectronics

Back Button L7805CV Datasheet HTML 50Page - STMicroelectronics L7805CV Datasheet HTML 51Page - STMicroelectronics L7805CV Datasheet HTML 52Page - STMicroelectronics L7805CV Datasheet HTML 53Page - STMicroelectronics L7805CV Datasheet HTML 54Page - STMicroelectronics L7805CV Datasheet HTML 55Page - STMicroelectronics L7805CV Datasheet HTML 56Page - STMicroelectronics L7805CV Datasheet HTML 57Page - STMicroelectronics L7805CV Datasheet HTML 58Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 57 / 58 page
background image
DocID2143 Rev 32
57/58
Positive voltage regulator ICs
Revision history
58
11
Revision history
Table 27. Document revision history
Date
Revision
Changes
21-Jun-2004
12
Document updating.
03-Aug-2006
13
Order codes has been updated and new template.
19-Jan-2007
14
D²PAK mechanical data has been updated and add footprint data.
31-May-2007
15
Order codes has been updated.
29-Aug-2007
16
Added Table 1 in cover page.
11-Dec-2007
17
Modified: Table 26.
06-Feb-2008
18
Added: TO-220 mechanical data Figure 38 on page 38 , Figure 39 on page 39,
and Table 23 on page 37. Modified: Table 26 on page 55.
18-Mar-2008
19
Added: Table 29: DPAK mechanical data on page 50, Table 30: Tape and reel
DPAK mechanical data on page 52. Modified: Table 26 on page 55.
26-Jan-2010
20
Modified Table 1 on page 1 and Table 23 on page 37, added: Figure 38 on
page 38 and Figure 39 on page 39, Figure 45 on page 52 and Figure 46 on
page 52.
04-Mar-2010
21
Added notes Figure 38 on page 38.
08-Sep-2010
22
Modified Table 26 on page 55.
23-Nov-2010
23
Added: TJ = 25 °C test condition in ΔVO on Table 3, 4, 5, 6, 7, 8 and Table 9.
16-Sep-2011
24
Modified title on page 1.
30-Nov-2011
25
Added: order codes L7805CV-DG, L7806CV-DG, L7808ABV-DG, L7812CV-DG
and L7815CV-DG Table 26 on page 55.
08-Feb-2012
26
Added: order codes L7805ACV-DG, L7805ABV-DG, L7806ABV-DG, L7808CV-
DG, L7809CV-DG, L7812ACV-DG, L7818CV-DG, L7824CV-DG Table 26 on
page 55.
27-Mar-2012
27
Added: order codes L7812ABV-DG, L7815ABV-DG Table 26 on page 55.
27-Apr-2012
28
Modified: VI = 10.4 to 23 V ==> VI = 11.4 to 23 V test conditon value
Line regulation Table 6 on page 12.
10-May-2012
29
Added: order codes L7806ACV-DG, L7808ACV-DG, L7815ACV-DG,
L7824ABV-DG and L7824ACV-DG Table 26 on page 55.
19-Sep-2012
30
Modified load regulation units from V to mV in Table 3 to Table 9.
12-Mar-2013
31
Modified: VO output voltage at 25 °C min. value 14.4 V Table 16 on page 22.
04-Mar-2014
32
Part numbers L78xx, L78xxC, L78xxAB, L78xxAC changed to L78.
Removed TO-3 package.
Updated the description in cover page, Section 2: Pin configuration, Section 3:
Maximum ratings, Section 4: Test circuits, Section 5: Electrical characteristics,
Section 6: Application information, Section 8: Package mechanical data and
Table 26: Order codes.
Added Section 9: Packaging mechanical data.
Minor text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com