Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7805CV Datasheet(PDF) 16 Page - STMicroelectronics

Part # L7805CV
Description  Positive voltage regulator ICs
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7805CV Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L7805CV Datasheet HTML 12Page - STMicroelectronics L7805CV Datasheet HTML 13Page - STMicroelectronics L7805CV Datasheet HTML 14Page - STMicroelectronics L7805CV Datasheet HTML 15Page - STMicroelectronics L7805CV Datasheet HTML 16Page - STMicroelectronics L7805CV Datasheet HTML 17Page - STMicroelectronics L7805CV Datasheet HTML 18Page - STMicroelectronics L7805CV Datasheet HTML 19Page - STMicroelectronics L7805CV Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 58 page
background image
Electrical characteristics
Positive voltage regulator ICs
16/58
DocID2143 Rev 32
Refer to the test circuits, TJ = 0 to 125 °C, VI = 10 V, IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF
unless otherwise specified(h).
h.
Minimum load current for regulation is 5 mA.
Table 10. Electrical characteristics of L7805C
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
TJ = 25°C
4.8
5
5.2
V
VO
Output voltage
IO = 5 mA to 1 A, VI = 7 to 18 V
4.75
5
5.25
V
VO
Output voltage
IO = 1 A, VI = 18 to 20V, TJ = 25°C
4.75
5
5.25
V
ΔVO(1)
Line regulation
VI = 7 to 25 V, TJ = 25°C
3
100
mV
VI = 8 to 12 V, TJ = 25°C
1
50
ΔVO(1)
Load regulation
IO = 5 mA to 1.5 A, TJ = 25°C
100
mV
IO = 250 to 750 mA, TJ = 25°C
50
Id
Quiescent current
TJ = 25°C
8
mA
ΔId
Quiescent current change
IO = 5 mA to 1 A
0.5
mA
VI = 7 to 23 V
0.8
ΔVO/ΔT Output voltage drift
IO = 5 mA
-1.1
mV/°C
eN
Output noise voltage
B = 10 Hz to 100 kHz, TJ = 25°C
40
µV/VO
SVR
Supply voltage rejection
VI = 8 to 18 V, f = 120 Hz
62
dB
Vd
Dropout voltage
IO = 1 A, TJ = 25°C
2
V
RO
Output resistance
f = 1 kHz
17
m
Ω
Isc
Short circuit current
VI = 35 V, TJ = 25°C
0.75
A
Iscp
Short circuit peak current
TJ = 25°C
2.2
A
1.
Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be
taken into account separately. Pulse testing with low duty cycle is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com