Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAD-011021 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MAAD-011021
Description  Digital Attenuator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAD-011021 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MAAD-011021 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAD-011021 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAD-011021 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAD-011021 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAD-011021 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAD-011021 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAD-011021 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAD-011021 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Digital Attenuator, 6-Bit, 0.5 dB LSB step
DC - 30 GHz
Rev. V1
MAAD-011021
5
5
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
For further information and support please visit:
https://www.macomtech.com/content/customersupport
5
Typical Performance Curves
Attenuation
Relative Attenuation
RMS Attenuation Error
RMS Phase Error
Relative Attenuation Error
Relative Phase Error
-35
-30
-25
-20
-15
-10
-5
0
0
5
10
15
20
25
30
REF
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Frequency (GHz)
-20
-16
-12
-8
-4
0
0
5
10
15
20
25
30
REF
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Frequency (GHz)
0
1
2
3
4
0
5
10
15
20
25
30
Frequency (GHz)
0
5
10
15
20
25
0
5
10
15
20
25
30
Frequency (GHz)
-4
-3
-2
-1
0
1
2
0
5
10
15
20
25
30
REF
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Frequency (GHz)
-40
-20
0
20
40
0
5
10
15
20
25
30
REF
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Frequency (GHz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com