Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAD-011021 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAAD-011021
Description  Digital Attenuator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAD-011021 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAAD-011021 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAD-011021 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAD-011021 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAD-011021 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAD-011021 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAD-011021 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAD-011021 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAD-011021 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Digital Attenuator, 6-Bit, 0.5 dB LSB step
DC - 30 GHz
Rev. V1
MAAD-011021
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
For further information and support please visit:
https://www.macomtech.com/content/customersupport
1
Features
 6-bit, 0.5 dB LSB, 31.5 dB range
 DC to 30 GHz operation
 Integrated TTL 0/+5V control
 +/- 0.5 dB typical bit error
 Low RMS phase 4.3° @ 20 GHz
 Lead-Free 3 mm 16-lead PQFN package
 ESD protection for all controls and bias
Description
The MAAD-011021 is a wide band 6-bit digital
attenuator covering DC to 30 GHz. The attenuation
bit-values are 0.5 dB LSB (least significant bit), 1, 2,
4, 8, and 16 dB for a total attenuation of 31.5 dB.
Attenuation error is typically less than +/- 0.5 dB,
RMS phase error is less than 5 degrees at 20 GHz,
and typical insertion loss is 7.2 dB at 15 GHz.
Return loss is typically 12 dB across all frequencies
and attenuation states.
The attenuator integrates an inverter to allow a
single control for series/shunt attenuation. Inverter
requires a -5 V supply (VCC) and 17 mA typical, logic
is 0 V / +5 V.
The device is also available as bare die; order part
number MAAD-011021-000DIE.
Ordering Information1,2
Part Number
Package
MAAD-011021-TR0500
500 piece reel
MAAD-011021-SMB
Sample Board
* Restrictions on Hazardous Substances, European Union Directive 2011/65/EU.
1. Reference Application Note M513 for reel size information.
2. All sample boards include 3 loose parts.
Functional Schematic
Pin Configuration3
Pin No.
Function
Pin No.
Function
1
Ground
9
V6 (16 dB)
2
RF Input
10
Ground
3
Ground
11
RF Output
4
V1 (0.5 dB)
12
Ground
5
V2 (1 dB)
13
No Connection
6
V3 (2 dB)
14
No Connection
7
V4 (4 dB)
15
VCC -5 V Bias
8
V5 (8 dB)
16
No Connection
17
Pad4
3. MACOM recommends connecting unused package pins to
ground.
4. The exposed pad centered on the package bottom must be
connected to RF, DC and thermal ground.


Similar Part No. - MAAD-011021

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-011021-000DIE MA-COM-MAAD-011021-000DIE Datasheet
945Kb / 8P
Digital Attenuator, 6-Bit, 0.5 dB LSB step
MAAD-011021-000DIE MA-COM-MAAD-011021-000DIE_15 Datasheet
945Kb / 8P
Digital Attenuator
MAAD-011021-000DIE MA-COM-MAAD-011021-000DIE_16 Datasheet
987Kb / 9P
Digital Attenuator, 6-Bit, 0.5 dB LSB step
MAAD-011021-0GPDIE MA-COM-MAAD-011021-0GPDIE Datasheet
987Kb / 9P
Digital Attenuator, 6-Bit, 0.5 dB LSB step
MAAD-011021-DIESMB MA-COM-MAAD-011021-DIESMB Datasheet
987Kb / 9P
Digital Attenuator, 6-Bit, 0.5 dB LSB step
More results

Similar Description - MAAD-011021

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AT65-0413_V9 MA-COM-AT65-0413_V9 Datasheet
209Kb / 5P
Digital Attenuator
MAATCC0008_V5 MA-COM-MAATCC0008_V5 Datasheet
214Kb / 5P
Digital Attenuator
AT20-0273 MA-COM-AT20-0273 Datasheet
105Kb / 4P
Digital Attenuator
AT-107-PIN MA-COM-AT-107-PIN Datasheet
135Kb / 4P
Digital Attenuator
MAADCC0006 MA-COM-MAADCC0006 Datasheet
180Kb / 5P
Digital Attenuator
MAADSS0009 MA-COM-MAADSS0009 Datasheet
72Kb / 3P
Digital Attenuator
MAATCC0006 MA-COM-MAATCC0006 Datasheet
130Kb / 5P
Digital Attenuator
MAATCC0012 MA-COM-MAATCC0012 Datasheet
152Kb / 5P
Digital Attenuator
MAATSS0017 MA-COM-MAATSS0017 Datasheet
143Kb / 5P
Digital Attenuator
MAATSS0018 MA-COM-MAATSS0018 Datasheet
126Kb / 3P
Digital Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com