Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAAD-011021 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAD-011021
Description  Digital Attenuator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAD-011021 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAD-011021 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAD-011021 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAD-011021 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAD-011021 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAD-011021 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAD-011021 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAD-011021 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAD-011021 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Digital Attenuator, 6-Bit, 0.5 dB LSB step
DC - 30 GHz
Rev. V1
MAAD-011021
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
For further information and support please visit:
https://www.macomtech.com/content/customersupport
2
Absolute Maximum Ratings5,6
5. Exceeding any one or combination of these limits may cause
permanent damage to this device.
6. MACOM does not recommend sustained operation near these
survivability limits.
Electrical Specifications:
TA = +25°C, VCC = -5 V, Z0 = 50 Ω (unless otherwise specified)
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
DC - 15 GHz
15 - 30 GHz
1 GHz
10 GHz
15 GHz
dB
—
6.0
8.0
5.0
7.0
7.5
—
—
5.5
8.0
8.5
Return Loss
DC - 30 GHz
dB
—
15
—
Attenuation Bits
10 GHz
LSB: 0.5 dB
Bit 2: 1 dB
Bit 3: 2 dB
Bit 4: 4 dB
Bit 5: 8 dB
Bit 6: 16 dB
dB
0.3
0.8
1.8
3.8
7.6
16.0
0.4
1.0
2.0
4.0
8.3
17.0
0.5
1.1
2.2
4.2
8.9
18.0
Attenuation Error RMS
DC - 15 GHz
15 - 30 GHz
dB
—
0.3
1.2
—
Phase Error RMS
DC - 15 GHz
15 - 30 GHz
deg
—
2.6
7.2
—
Input P0.1dB
DC - 30 GHz
dBm
—
24
—
Input IP3
DC - 30 GHz
dBm
—
38
—
Switching Time
—
ns
—
45
—
Control Logic
—
V
—
0 / +5
—
Control Current
each control bit @ +5 V
mA
—
6
—
Supply Current
Supply = -5 V
mA
—
17
45
Parameter
Absolute Maximum
Input Power
+35 dBm
Operating Voltage
-5 V
Control Voltage
0 / +5 V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
Class 1A devices.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com