Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5437 Datasheet(PDF) 2 Page - California Eastern Labs

Part # 2SC5437
Description  NPN SILICON TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC5437 Datasheet(HTML) 2 Page - California Eastern Labs

  2SC5437 Datasheet HTML 1Page - California Eastern Labs 2SC5437 Datasheet HTML 2Page - California Eastern Labs 2SC5437 Datasheet HTML 3Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Parameter
Units
time
seconds
capacitance
farads
inductance
henries
resistance
ohms
voltage
volts
current
amps
Parameters
688M03
CCB
0.24e-12
CCE
0.27e-12
LB
0.5e-9
LE
0.6e-9
CCBPKG
0.08e-12
CCEPKG
0.08e-12
LBX
0.12e-9
LCX
0.10e-9
LEX
0.12e-9
ADDITIONAL PARAMETERS
UNITS
(1) Gummel-Poon Model
Parameters
Q1
Parameters
Q1
IS
3.8e-16
MJC
0.48
BF
135.7
XCJC
0.56
NF
1
CJS
0
VAF28
VJS
0.75
IKF
0.6
MJS
0
ISE
3.8e-15
FC
0.75
NE
1.49
TF
11e-12
BR
12.3
XTF
0.36
NR
1.1
VTF
0.65
VAR
3.5
ITF
0.61
IKR
0.06
PTF
50
ISC
3.5e-16
TR
32e-12
NC
1.62
EG
1.11
RE
0.4
XTB
0
RB
6.14
XTI
3
RBM
3.5
KF
1.5e-14
IRB
0.001
AF
1.22
RC
4.2
CJE
0.796e-12
VJE
0.71
MJE
0.38
CJC
0.549e-12
VJC
0.65
BJT NONLINEAR MODEL PARAMETERS (1)
MODEL RANGE
Frequency:
0.1 to 5.0 GHz
Bias:
VCE = 0.5 V to 3 V, IC = 0.5 mA to 10 mA
Date:
11/98
SCHEMATIC
Base
CCBPKG
CCB
CCE
LBX
LB
LE
LEX
LCX
CCEPKG
Emitter
Collector
Q1
NONLINEAR MODEL
NE688M03



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com