Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5437 Datasheet(PDF) 3 Page - California Eastern Labs

Part # 2SC5437
Description  NPN SILICON TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC5437 Datasheet(HTML) 3 Page - California Eastern Labs

  2SC5437 Datasheet HTML 1Page - California Eastern Labs 2SC5437 Datasheet HTML 2Page - California Eastern Labs 2SC5437 Datasheet HTML 3Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Note:
1. Operation in excess of any one of these parameters may result
in permanent damage.
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCBO
Collector to Base Voltage
V
9
VCEO
Collector to Emitter Voltage
V
6
VEBO
Emitter to Base Voltage
V
2
IC
Collector Current
mA
100
PT
Total Power Dissipation
mW
125
TJ
Junction Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to +150
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
NE688M03
Collector to Emmiter Voltage, VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
TYPICAL PERFORMANCE CURVES (TA = 25°C)
Collector Current, IC (mA)
D.C. CURRENT GAIN
vs. COLECTOR CURRENT
Base to Emmiter Voltage, VBE (V)
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
30
25
20
15
10
5
0
0
2.5
5
7
200
µA
180
µA
160
µA
140
µA
120
µA
100
µA
80
µA
60
µA
40
µA
IB = 20
µA
200
100
0
0.1 0.2
0.5
1
25
10
20
50
100
VCE = 1 V
VCE = 1 V
0
0.5
1
100
50
20
2
0.5
1
0.2
0.1
0.05
0.02
0.01
10
5
EXCLUSIVE NORTH AMERICAN AGENT FOR NEC RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES • Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279
Internet: http://WWW.CEL.COM
06/10/2002
DATA SUBJECT TO CHANGE WITHOUT NOTICE
Life Support Applications
These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably be expected
to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and agree to fully indemnify
CEL for all damages resulting from such improper use or sale.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com