Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5437 Datasheet(PDF) 1 Page - California Eastern Labs

Part # 2SC5437
Description  NPN SILICON TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC5437 Datasheet(HTML) 1 Page - California Eastern Labs

  2SC5437 Datasheet HTML 1Page - California Eastern Labs 2SC5437 Datasheet HTML 2Page - California Eastern Labs 2SC5437 Datasheet HTML 3Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NE688M03
NPN SILICON TRANSISTOR
•
NEW M03 PACKAGE:
• Smallest transistor outline package available
• Low profile/0.59 mm package height
• Flat lead style for better RF performance
•
HIGH GAIN BANDWIDTH PRODUCT:
fT = 9.5 GHz
•
LOW NOISE FIGURE:
NF = 1.7 dB at 2 GHz
•
HIGH COLLECTOR CURRENT:
ICMAX = 100 mA
FEATURES
OUTLINE DIMENSIONS (Units in mm)
PACKAGE OUTLINE M03
PRELIMINARY DATA SHEET
PART NUMBER
NE688M03
EIAJ1 REGISTERED NUMBER
2SC5437
PACKAGE OUTLINE
M03
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
fT
Gain Bandwidth at VCE = 1 V, IC = 3 mA, f = 2 GHz
GHz
4
5
VCE = 3 V, IC = 20 mA, f = 2 GHz
GHz
9.5
NF
Noise Figure at VCE = 1 V, IC = 3 mA, f = 2 GHz
dB
1.9
2.5
VCE = 3 V, IC = 7 mA, f = 2 GHz
dB
1.7
|S21E|2
Insertion Power Gain at VCE = 1 V, IC = 3 mA, f = 2 GHz
dB
3
4
VCE = 3 V, IC = 20 mA, f = 2 GHz
dB
8
hFE2
Forward Current Gain at VCE = 1 V, IC = 3 mA
80
145
ICBO
Collector Cutoff Current at VCB = 5 V, IE = 0
µA
0.1
IEBO
Emitter Cutoff Current at VEB = 1 V, IC = 0
µA
0.1
CRE3
Feedback Capacitance at VCB = 1 V, IE = 0, f = 1 MHz
pF
0.7
0.8
ELECTRICAL CHARACTERISTICS (TA = 25°C)
PIN CONNECTIONS
1. Emitter
2. Base
3. Collector
California Eastern Laboratories
Notes:
1. Electronic Industrial Association of Japan.
2. Pulsed measurement, pulse width ≤ 350 µs, duty cycle ≤ 2 %.
3. Capacitance is measured with emitter and case connected to the guard terminal at the bridge.
DESCRIPTION
The NE688M03 transistor is designed for low cost amplifier
and oscillator applications. Low noise figure, high gain and high
current capability equate to wide dynamic range and excellent
linearity. NEC's new low profile/flat lead style "M03" package
is ideal for today's portable wireless applications. The NE688
is also available in chip and six different low cost plastic surface
mount package styles.
1
3
2
1.2±0.05
0.8±0.1
+0.1
-0.05
0.15
1.4 ±0.1
(0.9)
0.59±0.05
0.2±0.1
0.45
0.45
0.3±0.1


Similar Part No. - 2SC5437

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5437 NEC-2SC5437 Datasheet
63Kb / 8P
NPN EPITAXIAL SILICON TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
logo
NXP Semiconductors
2SC5437;TT;SOT-523F PHILIPS-2SC5437;TT;SOT-523F Datasheet
75Kb / 12P
Single Zener diodes
Rev. 01-1 March 2007
More results

Similar Description - 2SC5437

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3414 MICRO-ELECTRONICS-2N3414 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
BA1A4M NEC-BA1A4M Datasheet
133Kb / 2P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
2SD1698 NEC-2SD1698 Datasheet
116Kb / 2P
NPN SILICON TRANSISTOR
2SD1701 NEC-2SD1701 Datasheet
117Kb / 2P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N1616 SEME-LAB-2N1616 Datasheet
22Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
MPS3417 CENTRAL-MPS3417 Datasheet
58Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com