Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3545 Datasheet(PDF) 5 Page - California Eastern Labs

Part # 2SC3545
Description  NPN SILICON OSCILLATOR AND MIXER TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC3545 Datasheet(HTML) 5 Page - California Eastern Labs

  2SC3545 Datasheet HTML 1Page - California Eastern Labs 2SC3545 Datasheet HTML 2Page - California Eastern Labs 2SC3545 Datasheet HTML 3Page - California Eastern Labs 2SC3545 Datasheet HTML 4Page - California Eastern Labs 2SC3545 Datasheet HTML 5Page - California Eastern Labs 2SC3545 Datasheet HTML 6Page - California Eastern Labs 2SC3545 Datasheet HTML 7Page - California Eastern Labs 2SC3545 Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TYPICAL COMMON EMITTER SCATTERING PARAMETERS (TA = 25°C)
Coordinates in Ohms
Frequency in GHz
(VCE = 3 V, IC = 10 mA)
NE94430
VCE = 3 V, IC = 10 mA
FREQUENCY
S11
S21
S12
S22
KS21
MAG
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
(dB)
50
.585
-42.0
12.113
141.5
.010
70.5
.896
-11.0
0.64
21.7
30.8
100
.496
-76.7
10.005
124.0
.015
60.1
.799
-13.5
0.95
20.0
28.2
200
.354
-119.1
6.964
102.0
.028
63.7
.721
-13.4
1.05
16.9
22.5
300
.320
-138.2
5.042
91.6
.039
65.1
.702
-14.0
1.12
14.0
19.1
400
.313
-150.2
3.910
84.5
.049
66.7
.693
-15.4
1.16
11.8
16.6
500
.310
-158.3
3.184
78.7
.058
66.7
.690
-17.3
1.21
10.1
14.6
600
.313
-164.8
2.680
73.6
.067
67.6
.689
-19.5
1.23
8.6
13.1
700
.317
-170.5
2.316
69.1
.076
68.2
.689
-21.8
1.24
7.3
11.9
800
.322
-175.4
2.040
64.8
.084
68.2
.689
-24.2
1.26
6.2
10.8
900
.326
-179.9
1.824
60.8
.093
68.6
.690
-26.6
1.26
5.2
9.9
1000
.330
175.5
1.652
57.1
.101
68.7
.690
-29.1
1.27
4.4
9.0
1500
.354
154.6
1.145
41.2
.148
70.1
.694
-41.0
1.18
1.2
6.3
2000
.374
134.2
0.887
28.1
.202
69.0
.697
-53.8
1.07
-1.0
4.8
2500
.402
114.4
0.722
18.6
.269
66.2
.689
-66.7
1.01
-2.8
3.7
3000
.438
96.2
0.613
13.2
.347
60.7
.668
-80.6
1.01
-4.3
2.1
VCE = 10 V, Ic = 5 mA
50
.860
-17.7
7.577
156.2
.012
79.9
.960
-6.1
0.30
17.6
28.0
100
.788
-35.1
6.982
141.8
.021
60.9
.909
-10.2
0.57
16.9
25.2
200
.574
-68.0
6.049
120.3
.033
60.0
.826
-12.6
0.71
15.6
22.6
300
.428
-95.6
4.966
104.4
.039
59.9
.792
-13.6
0.86
13.9
21.0
400
.349
-114.9
4.020
93.9
.045
61.9
.776
-14.7
0.98
12.1
19.5
500
.312
-127.9
3.329
86.6
.053
62.5
.768
-16.3
1.04
10.4
16.7
600
.293
-138.0
2.823
80.7
.060
63.9
.765
-18.1
1.09
9.0
14.9
700
.282
-146.3
2.450
75.6
.067
64.5
.763
-19.9
1.13
7.8
13.5
800
.277
-153.6
2.165
70.9
.074
65.0
.762
-22.0
1.15
6.7
12.3
900
.274
-159.8
1.941
66.7
.082
66.0
.761
-24.0
1.15
5.8
11.4
1000
.273
-165.8
1.759
62.8
.088
66.3
.760
-26.1
1.18
4.9
10.4
1500
.283
168.0
1.223
46.3
.126
68.6
.763
-36.0
1.12
1.7
7.8
2000
.301
144.3
0.949
32.5
.167
69.7
.768
-46.8
1.03
-0.5
6.6
2500
.334
121.7
0.772
22.0
.221
69.6
.766
-57.6
0.93
-2.2
5.4
3000
.380
101.5
0.649
15.0
.290
66.7
.755
-69.3
0.87
-3.8
3.5
NE944 SERIES
j50
j25
j10
0
-j10
-j25
-j50
-j100
j100
0
10
25
50
100
S22
3 GHz
S11
.05 GHz
S11
3 GHz
S22
.05 GHz
120˚
90˚
60˚
30˚
150˚
180˚
-150˚
-120˚
-90˚
-60˚
-30˚
0˚
.5
.4
.3
14
12
10
8
.2
.1
S12
0.5 GHz
S12
3 GHz
S21
3 GHz
S21
0.5 GHz
Note:
1. Gain Calculations:
MAG = Maximum Available Gain
MSG = Maximum Stable Gain
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG = |S
21
|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com