Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3545 Datasheet(PDF) 1 Page - California Eastern Labs

Part # 2SC3545
Description  NPN SILICON OSCILLATOR AND MIXER TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC3545 Datasheet(HTML) 1 Page - California Eastern Labs

  2SC3545 Datasheet HTML 1Page - California Eastern Labs 2SC3545 Datasheet HTML 2Page - California Eastern Labs 2SC3545 Datasheet HTML 3Page - California Eastern Labs 2SC3545 Datasheet HTML 4Page - California Eastern Labs 2SC3545 Datasheet HTML 5Page - California Eastern Labs 2SC3545 Datasheet HTML 6Page - California Eastern Labs 2SC3545 Datasheet HTML 7Page - California Eastern Labs 2SC3545 Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
NPN SILICON
OSCILLATOR AND MIXER TRANSISTOR
NE944
SERIES
FEATURES
• LOW COST
• HIGH GAIN BANDWIDTH PRODUCT:
fT = 2000 MHz TYP
• LOW COLLECTOR TO BASE TIME CONSTANT:
CC•r b'b = 5 ps TYP
• LOW FEEDBACK CAPACITANCE: CRE= 0.55 pF TYP
The NE944 series of NPN silicon epitaxial bipolar transistors
is intended for use in general purpose UHF oscillator and
mixer applications. It is suitable for automotive keyless entry
and TV tuner designs.
The device features stable oscillation and small frequency
drift during changes in the supply voltage and over the
ambient temperature range.
DESCRIPTION
PART NUMBER
NE94430
NE94433
EIAJ1 REGISTERED NUMBER
2SC4184
2SC3545
PACKAGE CODE
30
33
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS MIN
TYP MAX
MIN
TYP MAX
ICBO
Collector Cutoff Current, VCB = 12 V, IE = 0
µA
0.1
0.1
hFE
DC Current Gain, VCE = 10 V, IC = 5.0 mA
40
100
200
50
100
250
VCE(sat)
Collector Saturation Voltage, IC = 10 mA, IB = 1.0 mA
V
0.5
0.5
fT
Gain Bandwidth Product, VCE = 3 V, IE = 5 mA
GHz
1.2
2.0
1.3
2.0
COB
Output Capacitance, VCB = 3 V, IE = 0 mA, f = 1.0 MHz
pF
0.7
1.2
CC•rb'b
Collector to Base Time Constant, VCE = 3 V,
IE = -5.0 mA, f = 31.9 MHz
ps
3.5
8.0
5.0
CRE
Feedback Capacitance, VCB = 10 V, IE = 0 mA, f = 1.0 MHz
pF
0.55
1.0
RTH (J-C)
Thermal Resistance, Junction to Case (infinite heat sink)
°C/W
200
200
RTH (J-A)
Thermal Resistance, Junction to Ambient (free air)
°C/W
833
620
PT
Power Dissipation
mW
150
150
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Note:
1. Electronic Industrial Association of Japan.
California Eastern Laboratories


Similar Part No. - 2SC3545

ManufacturerPart #DatasheetDescription
logo
NEC
2SC3545 NEC-2SC3545 Datasheet
98Kb / 8P
UHF OSCILLTOR AND MIXER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
logo
Guangdong Kexin Industr...
2SC3545 KEXIN-2SC3545 Datasheet
37Kb / 1P
NPN Silicon Epitaxial Transistor
logo
Inchange Semiconductor ...
2SC3545 ISC-2SC3545 Datasheet
299Kb / 5P
isc Silicon NPN RF Transistor
logo
Foshan Blue Rocket Elec...
2SC3545 FOSHAN-2SC3545 Datasheet
593Kb / 6P
Silicon NPN transistor in a SOT-23 Plastic Package
More results

Similar Description - 2SC3545

ManufacturerPart #DatasheetDescription
logo
NEC
2SC3841 NEC-2SC3841 Datasheet
96Kb / 8P
UHF OSCILLATOR AND UHF MIXER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC4182 NEC-2SC4182 Datasheet
47Kb / 6P
UHF/VHF OSCILLATOR AND VHF MIXER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4184 NEC-2SC4184 Datasheet
38Kb / 6P
UHF OSCILLATOR AND VHF MIXER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4185 NEC-2SC4185 Datasheet
44Kb / 6P
UHF OSCILLATOR AND VHF MIXER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4186 NEC-2SC4186 Datasheet
47Kb / 8P
UHF OSCILLATOR AND UHF MIXER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
logo
NTE Electronics
NTE15 NTE-NTE15 Datasheet
20Kb / 2P
Silicon NPN Transistor VHF Amp, Mixer, Oscillator, UHF OSC
NTE229 NTE-NTE229 Datasheet
20Kb / 2P
Silicon NPN Transistor VHF Oscillator, Mixer, IF Amp
logo
NEC
NE944 NEC-NE944 Datasheet
58Kb / 8P
NPN SILICON OSCILLATOR AND MIXER TRANSISTOR
logo
ON Semiconductor
NSF2250WT1 ONSEMI-NSF2250WT1_06 Datasheet
83Kb / 10P
NPN Silicon Oscillator and Mixer Transistor
April, 2006 ??Rev. 5
logo
NEC
NE94433-T1B-A NEC-NE94433-T1B-A Datasheet
61Kb / 8P
NPN SILICON OSCILLATOR AND MIXER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com