Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3545 Datasheet(PDF) 6 Page - California Eastern Labs

Part # 2SC3545
Description  NPN SILICON OSCILLATOR AND MIXER TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC3545 Datasheet(HTML) 6 Page - California Eastern Labs

  2SC3545 Datasheet HTML 1Page - California Eastern Labs 2SC3545 Datasheet HTML 2Page - California Eastern Labs 2SC3545 Datasheet HTML 3Page - California Eastern Labs 2SC3545 Datasheet HTML 4Page - California Eastern Labs 2SC3545 Datasheet HTML 5Page - California Eastern Labs 2SC3545 Datasheet HTML 6Page - California Eastern Labs 2SC3545 Datasheet HTML 7Page - California Eastern Labs 2SC3545 Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TYPICAL COMMON BASE SCATTERING PARAMETERS (TA = 25°C)
Coordinates in Ohms
Frequency in GHz
(VCB = 2.5 V, IC = 2.5 mA)
NE94430
VCB = 2.5 V, IC = 2.5 mA
VCB = 3 V, lC = 5 mA
50
.866
178.6
1.834
-2.2
.001
16.5
0.999
-0.4
-0.097
5.3
32.6
100
.861
176.6
1.840
-5.3
.003
92.7
1.000
1.6
-0.030
5.3
27.9
200
.859
172.5
1.833
-11.5
.006
107.3
1.003
- 4.1
-0.320
5.3
24.9
400
.846
164.4
1.818
-24.6
.017
122.3
1.017
-9.1
-0.600
5.2
20.3
600
.836
156.6
1.799
-37.9
.030
123.9
1.037
-14.5
-0.670
5.1
17.8
800
.826
149.1
1.749
-51.7
.051
123.8
1.057
-20.4
-0.650
4.9
15.4
1000
.819
141.5
1.687
-66.6
.073
123.2
1.074
-27.0
-0.610
4.5
13.6
1500
.793
122.1
1.443
-105.4
.149
112.3
1.090
-45.9
-0.360
3.2
9.9
2000
.738
103.2
1.132
-146.8
.235
99.3
1.018
-65.7
0.040
1.1
6.8
VCE = 3 V, IC = 10 mA
NE944 SERIES
FREQUENCY
S11
S21
S12
S22
KS21
MAG1
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
(dB)
50
.622
178.7
1.602
-2.4
.001
60.6
0.996
-0.6
-0.104
4.1
27.2
100
.623
176.6
1.599
-5.5
.004
101.3
0.999
-1.6
-0.114
4.1
25.8
200
.622
172.6
1.601
-11.7
.009
101.2
1.004
-4.1
-0.280
4.1
22.5
400
.615
164.8
1.567
-25.0
.019
106.4
1.015
-9.4
-0.470
3.9
19.2
600
.604
157.0
1.525
-38.5
.033
111.8
1.038
-15.1
-0.610
3.7
16.6
800
.598
149.4
1.467
-52.0
.051
112.8
1.047
-21.2
-0.620
3.3
14.6
1000
.592
141.9
1.395
-66.1
.070
113.7
1.061
-27.6
-0.620
2.9
13.0
1500
.570
124.2
1.166
-102.4
.140
106.9
1.076
-45.6
-0.410
1.3
9.2
2000
.543
107.4
0.923
-142.3
.215
97.1
1.024
-64.7
-0.010
-0.7
6.3
50
.777
178.6
1.751
-2.2
.002
45.9
1.000
-0.5
-0.154
4.9
29.4
100
.771
176.4
1.752
-5.1
.002
102.8
1.002
-1.6
-0.400
4.9
29.4
200
.774
172.6
1.747
-11.2
.006
97.8
1.003
-4.1
-0.220
4.8
24.6
400
.767
164.6
1.727
-24.0
.017
114.2
1.015
-9.0
-0.520
4.7
20.1
600
.753
156.7
1.704
-36.9
.031
121.1
1.035
-14.2
-0.680
4.6
17.4
800
.741
149.1
1.657
-50.2
.049
122.1
1.052
-20.2
-0.680
4.4
15.3
1000
.735
141.5
1.595
-64.5
.073
120.6
1.069
-26.5
-0.630
4.1
13.4
1500
.710
122.8
1.368
-101.3
.144
111.4
1.090
-44.9
-0.430
2.7
9.8
2000
.670
104.8
1.094
-141.3
.226
99.5
1.034
-64.1
-0.040
0.8
6.8
j50
j25
j10
0
-j10
-j25
-j50
-j100
j100
0
10
25
50
100
S22
3 GHz
S11
.05 GHz
S11
3 GHz
S22
.05 GHz
120˚
90˚
60˚
30˚
150˚
180˚
-150˚
-120˚
-90˚
-60˚
-30˚
0˚
2.5
2
1.5
.1
.15
.2
.25
1
S12
3 GHz
.5
S21
3 GHz
S12
0.5 GHz
S21
0.5 GHz
Note:
1. Gain Calculations:
MAG = Maximum Available Gain
MSG = Maximum Stable Gain
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG = |S
21
|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com