Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW-011021 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-011021
Description  HMICTM Silicon PIN Diode SPDT Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-011021 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASW-011021 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-011021 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-011021 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-011021 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-011021 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
HMICTM Silicon PIN Diode SPDT Switch
6 - 14 GHz
Rev. V2
MASW-011021
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
1
Features
 Specified from 8 GHz to 12 GHz
 Low Insertion Loss
 High Isolation
 Low Parasitic Capacitance and Inductance
 Surface Mountable, Fully Monolithic Die
 Glass Encapsulated Construction
 20 W Pulsed Power Handling5
 Silicon Nitride Passivation
 Polymer Scratch Protection
 RoHS* Compliant
Description
This device is a Surmount™ X-Band monolithic
SPDT switch designed for high power, high
performance applications. This Surface Mount
chipscale configuration is designed with minimal
parasitics usually associated with hybrid MIC
designs incorporating beam lead and/or bondable
PIN diodes that require chip and wire assembly.
This device is
fabricated
using M/A-COM
Technology Solutions’ patented HMIC™ (Heterolithic
Microwave Integrated Circuit) process, US Patent
5,268,310. This process allows the incorporation of
silicon pedestals that form series and shunt diodes
and/or vias by embedding them in low loss, low
dispersion glass.
Selective backside metalization is applied producing
a surface mount device. The topside is fully
encapsulated with silicon nitride and has an
additional polymer layer for scratch and impact
protection.
These
protective
coatings
prevent
damage to the junction and the anode airbridge
during handling and assembly.
Pin Configuration 1
Functional Schematic
1. The exposed pad centered on the chip bottom must be
connected to RF and DC ground.
*Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Die Bond Pad Layout
Pin
Function
J1
RF C
J2
RF 1
J3
RF 2
B1
Bias 1
B2
Bias 2
Ordering Information2
Part Number
Package
MASW-011021-14010G
25 piece gel pack
MASW-011021-001SMB
Sample Test Board
2. Reference Application Note M513 for reel size information.


Similar Part No. - MASW-011021

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-011021-001SMB MA-COM-MASW-011021-001SMB Datasheet
715Kb / 6P
SURMOUNT Silicon PIN Diode SPDT Switch
MASW-011021-14010G MA-COM-MASW-011021-14010G Datasheet
715Kb / 6P
SURMOUNT Silicon PIN Diode SPDT Switch
MASW-011021 MA-COM-MASW-011021_15 Datasheet
715Kb / 6P
SURMOUNT Silicon PIN Diode SPDT Switch
More results

Similar Description - MASW-011021

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-002103-1363 MA-COM-MASW-002103-1363 Datasheet
378Kb / 8P
HMICTM Silicon PIN Diode SPDT Switch 50 MHz - 20 GHz
MASW-004103-1365 MA-COM-MASW-004103-1365 Datasheet
418Kb / 8P
HMICTM Silicon PIN Diode SP4T Switch
MASW-000834_13560T_V8 MA-COM-MASW-000834_13560T_V8 Datasheet
248Kb / 13P
HMICTM PIN Diode SPDT 50 Watt Switch
MASW-002103-1363_V7 MA-COM-MASW-002103-1363_V7 Datasheet
285Kb / 8P
HMICTM Silicon PIN Diode SPDT Switch
MASW-003103-1364_V2 MA-COM-MASW-003103-1364_V2 Datasheet
320Kb / 8P
HMICTM Silicon PIN Diode SP3T Switch
MASW-004103-1365_V4 MA-COM-MASW-004103-1365_V4 Datasheet
340Kb / 8P
HMICTM Silicon PIN Diode SP4T Switch
MASW-003103-1364 MA-COM-MASW-003103-1364 Datasheet
320Kb / 8P
HMICTM Silicon PIN Diode SP3T Switch
MASW-000834-13560T MA-COM-MASW-000834-13560T Datasheet
248Kb / 13P
HMICTM PIN Diode SPDT 50 Watt Switch
MASW-000932-V1-APR11 MA-COM-MASW-000932-V1-APR11 Datasheet
132Kb / 6P
HMICTM PIN Diode SPDT 80 Watt Switch
MASW011021 MA-COM-MASW011021_15 Datasheet
301Kb / 5P
HMICTM Silicon PIN Diode SPDT Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com