Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW-011021 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-011021
Description  HMICTM Silicon PIN Diode SPDT Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-011021 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MASW-011021 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-011021 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-011021 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-011021 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-011021 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
HMICTM Silicon PIN Diode SPDT Switch
6 - 14 GHz
Rev. V2
MASW-011021
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
4
Control Level
(DC Currents and Voltages)
B1
B2
J1-J2
J1-J3
-30 V
+30 mA
Low Loss
Isolation
+30 mA
-30 V
Isolation
Low Loss
Condition of
RF Output
Driver Connections
Bias Control
Optimal operation is achieved by simultaneous
application of negative DC voltage to the low loss
switching arm and positive DC current to the
isolating switching arm.
In the low loss state, the diode is reverse biased with
voltage. In the isolated state, the shunt diode is
forward biased with current.
Minimum Reverse Bias Required:
At X-Band, with a 1:1 match, 5V of negative reverse
bias is required. With a 4:1 match, 10 V of negative
reverse bias is required8.
However M/A-COM Technology Solutions suggests
a reverse bias voltage of –30V to achieve optimal
insertion loss.
8. R. Caverly and G. Hiller, “Establishing the Minimum Reverse
Bias for a P-I-N Diode in a High Power Switch,” IEEE
Transactions on Microwave Theory and Techniques, Vol.38,
No.12, December 1990
Handling Procedures
Attachment to a circuit board is made simple
through the use of standard surface mount technol-
ogy. Mounting pads are conveniently located on
the bottom surface of these devices and are re-
moved from the active junction locations. These
devices are well suited for solder attachment onto
hard and soft substrates. The use of 80Au/20Sn, or
RoHS compliant solders is recommended. For ap-
plications where the average power is ≤ 1W, con-
ductive silver epoxy may also be used. Cure per
manufacturers recommended time and tempera-
ture. Typically 1 hour at 150°C.
When soldering these devices to a hard substrate,
a solder re-flow method is preferred. A vacuum tip
pick-up tool and a force of 60 to100 grams applied
to the top surface of the device while placing the
chip is recommended. When soldering to soft sub-
strates, such as Duroid, it is recommended to use a
soft solder at the circuit board to mounting pad in-
terface to minimize stress due to any TCE mis-
matches that may exist. Position the die so that its
mounting pads are aligned with the circuit board
mounting pads. Solder reflow should not be per-
formed by causing heat to flow through the top sur-
face of the die to the back. Since the HMIC glass is
transparent, the edges of the mounting pads can
be visually inspected through the die after attach-
ment is completed.
Typical re-flow profiles for Sn60/Pb40 and RoHS
compliant solders is provided in Application Note
M538 , “Surface Mounting Instructions“ and can be
viewed on the MA-COM Technology Solutions
website @ www.macomtech.com
Sample Board
Samples test boards are available upon request



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com