Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW-011021 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-011021
Description  HMICTM Silicon PIN Diode SPDT Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-011021 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASW-011021 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-011021 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-011021 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-011021 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-011021 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HMICTM Silicon PIN Diode SPDT Switch
6 - 14 GHz
Rev. V2
MASW-011021
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
2
Electrical Specifications: Bias: -5 V, +30 mA, TA = 25°C, PIN = 0 dBm, Z0 = 50 Ω
Parameter
Absolute Maximum
Operating Temperature
-65°C to +125°C
Storage Temperature
-65°C to +150°C
Junction Temperature
+175°C
Applied Reverse Voltage
200 V
Bias Current +25°C
100 mA
3. Typical Switching Speed measured for 10% to 90 % of detected RF signal driven by TTL compatible drivers.
4. Maximum reverse leakage current in either the shunt or series PIN diodes shall be 0.1 µA maximum.
5. 20 W up to 300 µs 40% Duty Cycle
Absolute Maximum Ratings6,7
6. Exceeding any one or combination of these limits may cause
permanent damage to this device.
7. M/A-COM Technology Solutions does not recommend
sustained operation near these survivability limits.
Parameter
Units
Min.
Typ.
Max.
Insertion Loss
8 GHz
10 GHz
12 GHz
dB
—
—
—
0.70
0.70
0.65
0.85
0.85
0.85
Input to Output Isolation
8 GHz
10 GHz
12 GHz
dB
30
30
30
34
36
34
—
—
—
Return Loss
dB
—
15
—
IIP3
dBm
—
60
—
Switching Speed
3
ns
—
130
—
Voltage Rating
4
V
—
200
—
CW Power Handling
5 (-30 V, +30 mA)
W
—
10
—
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Silicon Integrated Circuits are sensitive to
electrostatic discharge (ESD) and can be damaged
by static electricity. Proper ESD control techniques
should be used when handling these Class 1A
HBM devices.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com