Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0167 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0167
Description  2.5 V GaAs SPDT Switch 0.5 - 3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0167 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0167 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0167 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0167 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
2.5 V GaAs SPDT Switch
0.5 - 3.0 GHz
Rev. V2
MASWSS0167
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Low Voltage Operation: 2.5 V
• Low Insertion Loss: 0.3 dB at 1 GHz
• Isolation: 34 dB @ 2.4 GHz
• 0.5 micron GaAs PHEMT Process
• Lead-Free 1.2 x 1.5 mm 6-Lead PQFN Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• RoHS Compliant* and 260°C Reflow Compatible
Description
M/A-COM’s MASWSS0167 is a GaAs PHEMT
MMIC single pole double throw (SPDT) switch in a
lead-free 1.2 x 1.5 mm 6-lead PQFN package. The
MASWSS0167 is ideally suited for applications
where low control voltage, low insertion loss,
moderate isolation, small size and low cost are re-
quired.
Typical applications are for filter and antenna
switching in wireless LAN systems that connect
separate receive functions to a common antenna, as
well as other handset and general purpose switching
applications.
The MASWSS0167 is fabricated using a 0.5 micron
gate length GaAs PHEMT process.
The process
features full passivation for performance and reliabil-
ity.
Pin No.
Pin Name
Description
1
RF1
RF In/Out
2
GND
RF Ground
3
RF2
RF In/Out
4
V2
Control 2
5
RFC
RF Common
6
V1
Control 1
Pin Configuration
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Parameter
Absolute Maximum
Input Power
(0.5 - 3 GHz, 2.5 V Control)
+32 dBm
Operating Voltage
+8.5 volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Absolute Maximum Ratings
2,3
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
3. M/A-COM does not recommend sustained operation near
these survivability limits.
Functional Schematic
Ordering Information
1
Part Number
Package
MASWSS0167TR-3000
3000 piece reel
MASWSS0167SMB
Sample Test Board
1. Reference Application Note M513 for reel size information.


Similar Part No. - MASWSS0167

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0167 MACOM-MASWSS0167 Datasheet
88Kb / 3P
2.5 V GaAs SPDT Switch 0.5 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0167 MA-COM-MASWSS0167 Datasheet
76Kb / 3P
2.5 V GaAs SPDT Switch 0.5 - 3.0 GHz
logo
Tyco Electronics
MASWSS0167SMB MACOM-MASWSS0167SMB Datasheet
88Kb / 3P
2.5 V GaAs SPDT Switch 0.5 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0167SMB MA-COM-MASWSS0167SMB Datasheet
76Kb / 3P
2.5 V GaAs SPDT Switch 0.5 - 3.0 GHz
logo
Tyco Electronics
MASWSS0167TR-3000 MACOM-MASWSS0167TR-3000 Datasheet
88Kb / 3P
2.5 V GaAs SPDT Switch 0.5 - 3.0 GHz
More results

Similar Description - MASWSS0167

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWS5522 ANADIGICS-AWS5522 Datasheet
193Kb / 12P
0.5 to 2.5 GHz SPDT Switch
Rev 10.1
logo
Tyco Electronics
MASWSS0181 MACOM-MASWSS0181 Datasheet
199Kb / 3P
GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
MASWSS0167 MACOM-MASWSS0167 Datasheet
88Kb / 3P
2.5 V GaAs SPDT Switch 0.5 - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0167 MA-COM-MASWSS0167 Datasheet
76Kb / 3P
2.5 V GaAs SPDT Switch 0.5 - 3.0 GHz
MASWSS0181 MA-COM-MASWSS0181 Datasheet
74Kb / 3P
GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
MASWSS0006 MA-COM-MASWSS0006 Datasheet
82Kb / 3P
GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
logo
Hexawave, Inc
HWS500 HW-HWS500 Datasheet
53Kb / 2P
GaAs 0.5-6 GHz SPDT Switch
logo
M/A-COM Technology Solu...
MASWSS0181 MA-COM-MASWSS0181 Datasheet
74Kb / 3P
GaAs SPDT 2.5 V High Power Switch DC - 3.0 GHz
logo
Hexawave, Inc
HWS522_V1 HW-HWS522_V1 Datasheet
61Kb / 2P
GaAs 0.5-6.0 GHz SPDT Switch
HWS511_V1 HW-HWS511_V1 Datasheet
63Kb / 2P
GaAs 0.5-3.0 GHz SPDT Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com